Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 5 Page - STMicroelectronics

  L6717 Datasheet HTML 1Page - STMicroelectronics L6717 Datasheet HTML 2Page - STMicroelectronics L6717 Datasheet HTML 3Page - STMicroelectronics L6717 Datasheet HTML 4Page - STMicroelectronics L6717 Datasheet HTML 5Page - STMicroelectronics L6717 Datasheet HTML 6Page - STMicroelectronics L6717 Datasheet HTML 7Page - STMicroelectronics L6717 Datasheet HTML 8Page - STMicroelectronics L6717 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
L6717
Typical application circuit and block diagram
Doc ID 17326 Rev 1
5/56
Figure 2.
Typical 3+1 application circuit
HS1
LS1
L1
CHF
CBULK_IN
ST L6717 (3+1) Reference Schematic
HS2
LS2
L2
CHF
COUT
PWM3
28
CS1P
15
CS1N
16
CS2P
17
CS3N
20
CS3P
19
CMLCC
COUT_NB
CMLCC_NB
PVI / SVID AM2 CPU
LIN
9
10
FB
5
COMP
4
OSC / EN / FLT
14
VID1 / CORE_TYPE
33
VID3 / SVC
31
VID4 / I2C_DIS
30
VID5 / ADDRESS
29
PVI / SVID Bus
2
VID2 / SVD
32
CF
RF
RFB
CF_NB RF_NB
RFB_NB
RG
RG
R
C
R
C
R
C
BOOT
PWM
GND
LGATE
UGATE
VCC
PHASE
34
1
35
VID0 / VFIX
PWROK
PWRGOOD
CLTB
RLTB
8
LTB
HS3
LS3
L3
PWM4
27
CS4N
22
CS4P
21
RG
RG
18
CHF
HS_NB
LS_NB
L_NB
CHF
23
R_NB
C_NB
RG_NB
24
CS2N
NB_CSP
NB_CSN
UGATE1
47
PHASE1
46
LGATE1
45
UGATE2
40
PHASE2
41
LGATE2
44
NB_UGATE
37
NB_PHASE
38
NB_LGATE
43
6
VSEN
7
FBG
11
NB_FBG
12
42
SDA / OVP
25
SCL / OS
26
NB_BOOT
36
BOOT1
48
BOOT2
39
49
3.3V
3
SVI/PVI Interface
CHF
Power Manager I2C
CHF
VIN
ILIM
EN
CI
RI
C
14
R OSC
R ILIM
C ILIM
5V SBY
Q_EN
EN
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com