Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 1 Page - STMicroelectronics

  L6717 Datasheet HTML 1Page - STMicroelectronics L6717 Datasheet HTML 2Page - STMicroelectronics L6717 Datasheet HTML 3Page - STMicroelectronics L6717 Datasheet HTML 4Page - STMicroelectronics L6717 Datasheet HTML 5Page - STMicroelectronics L6717 Datasheet HTML 6Page - STMicroelectronics L6717 Datasheet HTML 7Page - STMicroelectronics L6717 Datasheet HTML 8Page - STMicroelectronics L6717 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
March 2010
Doc ID 17326 Rev 1
1/56
56
L6717
High-efficiency hybrid AM2r2 controller
with I2C interface and embedded drivers
Features
■ Hybrid controller for both PVI and SVI CPUs
■ Dual controller with 2 embedded high current
drivers + 2 PWM for external driver for CPU
CORE and 1 embedded high current driver for
CPU NB
■ Dynamic phase management (DPM)
■ I2C interface to control offset, switching
frequency and power management options
■ Dual-edge asynchronous architecture with LTB
technology®
■ PSI management to increase efficiency in light-
load conditions
■ Dual overcurrent protection: Total and per-
phase
■ Accurate voltage positioning
■ Dual remote sense
■ Feedback disconnection protection
■ Programmable OV protection
■ Oscillator internally fixed at 200 kHz externally
adjustable
■ LSLess startup to manage pre-biased output
■ VFQFPN48 Package
Applications
■ Hybrid high-current VRM / VRD for desktop /
Server / Workstation / IPC CPUs supporting
PVI and SVI interface
■ High-density DC / DC converters
Description
L6717 is a hybrid CPU power supply controller
embedding 2 high-current drivers for the CORE
section and 1 driver for the NB section - requiring
up to 2 external drivers when the CORE section
works at 4 phase to optimize the application over-
all cost.
I2C interface allows to manage offset both CORE
and NB sections, switching frequency and
dynamic phase management saving in
component count, space and power consumption.
Dynamic phase management automatically
adjusts phase-count according to CPU load
optimizing the system efficiency under all load
conditions.
The dual-edge asynchronous architecture is
optimized by LTB technology
®
allowing fast load-
transient response minimizing the output
capacitor and reducing the total BOM cost.
Fast protection against load over current is
provided for both the sections. Feedback
disconnection protection prevents from damaging
the load in case of disconnections in the system
board.
L6717 is available in VFQFPN48 package.
VFQFPN48
VFQFPN48
Table 1.
Device summary
Order codes
Package
Packing
L6717
VFQFPN48
Tray
L6717TR
Tape and reel
www.st.com


Similar Part No. - L6717

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6717A STMICROELECTRONICS-L6717A Datasheet
1Mb / 57P
Dynamic phase management
22-Apr-2013
L6717ATR STMICROELECTRONICS-L6717ATR Datasheet
1Mb / 57P
Dynamic phase management
22-Apr-2013
More results

Similar Description - L6717

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
logo
Texas Instruments
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
High Efficiency PoE Interface and DC/DC Controller
logo
Intersil Corporation
ISL6322G INTERSIL-ISL6322G Datasheet
638Kb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping
May 22, 2008
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Intersil Corporation
ISL78229 INTERSIL-ISL78229 Datasheet
1Mb / 71P
2-Phase Boost Controller with Drivers and I2C/PMBus
February 12, 2016
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
2-Phase Boost Controller with Drivers and I2C/PMBus
ISL6322G RENESAS-ISL6322G Datasheet
1Mb / 39P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Maxim Integrated Produc...
MAX20446B MAXIM-MAX20446B Datasheet
1Mb / 47P
Automotive 6-Channel Backlight Driver with Boost/SEPIC Controller, Hybrid Dimming and I2C Interface
Rev 1; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com