Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 37Page - STMicroelectronics L6717 Datasheet HTML 38Page - STMicroelectronics L6717 Datasheet HTML 39Page - STMicroelectronics L6717 Datasheet HTML 40Page - STMicroelectronics L6717 Datasheet HTML 41Page - STMicroelectronics L6717 Datasheet HTML 42Page - STMicroelectronics L6717 Datasheet HTML 43Page - STMicroelectronics L6717 Datasheet HTML 44Page - STMicroelectronics L6717 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
L6717
Output voltage monitoring and protections
Doc ID 17326 Rev 1
41/56
8
Output voltage monitoring and protections
L6717 monitors the regulated voltage of both sections through pin VSEN and NB_VSEN in
order to manage OV, UV and PWRGOOD. The device shows different thresholds when in
different operative conditions but the behavior in response to a protection event is still the
same as described below.
Protections are active also during soft-start (See Section 7.8) while they are masked during
OTF-VID transitions with an additional delay to avoid false triggering.
Table 20.
L6717 protection at a glance
8.1
Programmable overvoltage (I2DIS = 3.3 V)
When power manager I2C is disabled, L6717 provides the possibility to adjust OV threshold
(common for both sections) through the SDA/OVP pin. Connecting the pin to the center tap
of a voltage divider from 3.3 V to SGND, the OVP threshold becomes the voltage present at
the pin.
The OVP threshold results:
L6717
Section
CORE
North bridge
Overvoltage
(OV)
SVI / PVI: +250mV above reference, programmable by power manager
I2C bus.
I2CDIS = 3.3V: Programmable through SDA/OVP pin.
V_FIX: Fixed to 1.8V.
Action: IC Latch; LS=ON & PWMx = 0 (if applicable);
Other section (SVI only): HiZ; FLT driven high.
Undervoltage
(UV)
VSEN, NB_VSEN = VID -400mV. Active after Ref > 500mV
Action: IC latch; both sections HiZ; FLT driven high.
PWRGOOD
PWRGOOD is the logic AND between internal CORE and NB PGOOD in SVI
mode while is the CORE section PGOOD in PVI mode.
Each PGOOD is set to zero when the related voltage falls below the
programmed reference -250mV.
Action: Section(s) continue switching, PWRGOOD driven low.
VSEN, NB_VSEN
disconnection
Set when VSEN > CS1N +600mV.
Action: UV-Like
Set when VSEN > NB_CSN +600mV.
Action: UV-Like (SVI only)
FBG, NB_FBG
disconnection
Internal comparator across the opamp to recover from GND losses.
Action: UV-Like
Over Current
(OC)
Current monitor across inductor DCR.
Dual protection, per-phase and
average.
Action: UV-Like
Current monitor across inductor DCR.
Constant current.
Action: UV-Like
On-the-fly VID
Protections masked with the exception of OC with additional 16 clock delay to
prevent from false triggering (both SVI and PVI).
OVP
TH
3.3
R
OVPL
R
OVPH
R
+
OVPL
-------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com