Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 12Page - STMicroelectronics L6717 Datasheet HTML 13Page - STMicroelectronics L6717 Datasheet HTML 14Page - STMicroelectronics L6717 Datasheet HTML 15Page - STMicroelectronics L6717 Datasheet HTML 16Page - STMicroelectronics L6717 Datasheet HTML 17Page - STMicroelectronics L6717 Datasheet HTML 18Page - STMicroelectronics L6717 Datasheet HTML 19Page - STMicroelectronics L6717 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Electrical specifications
L6717
16/56
Doc ID 17326 Rev 1
Voltage positioning (CORE and NB section)
CORE
Output voltage accuracy
VSEN to VCORE; FBG to GNDCORE
-8
8
mV
NB
NBVSEN to VNB; NBFBG to GNDFB
-10
10
mV
OS
OFFSET bias voltage
I2DIS=3.3V, IOS = 0 to 250μA
1.190
1.24
1.290
V
OFFSET current range
I2DIS=3.3V
0
250
μA
OFFSET - IFB accuracy
I2DIS=3.3V, IOS = 0μA
-2.25
2.25
μA
I2DIS=3.3V, IOS = 250μA-9
9
μA
DROOP
DROOP accuracy
IDROOP = 0 to 25μA, kDRP = 1/4
-3
3
μA
INB_DROOP = 0 to 6μA, kNBDRP = 1/4
-1
1
μA
A0
EA DC gain
100
dB
SR
Slew rate
COMP, NB_COMP to SGND = 10pF
20
V/
μs
PWM outputs (CORE only) and embedded drivers
PWM3,
PWM4
Output high
I = 1mA
3
3.6
V
Output low
I = -1mA
0.2
V
IPWMx
Test current
10
μA
High current embedded drivers
RHIHS
HS source resistance
BOOT - PHASE = 12V; 100mA
2.3
2.8
Ω
IUGATE
HS source current
BOOT - PHASE = 12V; (1)
CUGATE to PHASE = 3.3nF
2A
RLOHS
HS sink resistance
BOOT - PHASE = 12V; 100mA
2
2.5
Ω
RHILS
LS source resistance
100mA
1.3
1.8
Ω
ILGATE
LS source current
CLGATE to GND = 5.6nF,
(1)
3A
RLOLS
LS sink resistance
100mA
1
1.5
Ω
Protections
OVP
Over voltage protection
I2C enabled, no commands issued,
wrt VID, CORE & NB section
+200
+250
+300
mV
I2C disabled, V_FIX mode;
VSEN, NB_VSEN rising
1.800
V
SDA/OVP bias current
I2CDIS = 3.3V
9
11
13
μA
UVP
Under voltage protection
VSEN, NB_VSEN falling; wrt Ref.
-450
-400
-350
mV
PWRGOOD
PGOOD threshold
VSEN, NB_VSEN falling; wrt Ref
-285
-250
-215
mV
Voltage low
IPWRGOOD = -4mA
0.4
V
VFB-DISC
FB disconnection
VCSN rising, above VSEN
CORE and NB sections
600
mV
VFBG DISC
FBG disconnection
EA NI input wrt VID
500
mV
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com