Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 38Page - STMicroelectronics L6717 Datasheet HTML 39Page - STMicroelectronics L6717 Datasheet HTML 40Page - STMicroelectronics L6717 Datasheet HTML 41Page - STMicroelectronics L6717 Datasheet HTML 42Page - STMicroelectronics L6717 Datasheet HTML 43Page - STMicroelectronics L6717 Datasheet HTML 44Page - STMicroelectronics L6717 Datasheet HTML 45Page - STMicroelectronics L6717 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Output voltage monitoring and protections
L6717
42/56
Doc ID 17326 Rev 1
Figure 13.
Analog OVP threshold
When the voltage sensed by VSEN and/or NB_VSEN overcomes the OV threshold, the con-
troller:
–
Permanently sets the PWM of the involved section to zero keeping ENDRV of that
section high in order to keep all the low-side MOSFETs on to protect the load of
the section in OV condition.
–
Permanently sets the PWM of the non-involved section to HiZ while keeping
ENDRV of the non-involved section low in order to realize an HiZ condition of the
non-involved section.
–
Drives the OSC/ FLT pin high.
–
Power supply or EN pin cycling is required to restart operations.
Filter OVP pin with 1nF(typ) to SGND.
8.2
Feedback disconnection
L6717 provides both CORE and NB sections with FB disconnection protection. This feature
acts in order to stop the device from regulating dangerous voltages in case the remote
sense connections are left floating. The protection is available for both the sections and
operates for both the positive and negative sense.
According to Figure 14, the protection works as follow:
●
CORE section:
Positive sense is performed monitoring the CORE output voltage through both VSEN
and CS1N. As soon as CS1N is more than 600 mV higher than VSEN, the device
latches in HiZ. FLT pin is driven high. A 30
μA pull-down current on the VSEN forces
the device to detect this fault condition.
Negative sense is performed monitoring the internal OpAmp used to recover the GND
losses by comparing its output and the internal reference generated by the DAC. As
soon as the difference between the output and the input of this OpAmp is higher than
500 mV, the device latches in HiZ. FLT pin is driven high.
●
NB section (SVI only)
Positive sense is performed monitoring the NB output voltage through both NB_VSEN
and NB_CSN. As soon as NB_CSN is more than 600 mV higher than NB_VSEN, the
device latches in HiZ. FLT pin is driven high. A 30
μA pull-down current on the
NB_VSEN forces the device to detect this fault condition.
Negative sense is performed monitoring the internal OpAmp used to recover the GND
losses by comparing its output and the internal reference generated by the DAC. As
SDA/OVP
ROVPH
Analog OVP Setting (I2C Disabled)
3V3
ROVPL
COVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com