Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6717 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 22Page - STMicroelectronics L6717 Datasheet HTML 23Page - STMicroelectronics L6717 Datasheet HTML 24Page - STMicroelectronics L6717 Datasheet HTML 25Page - STMicroelectronics L6717 Datasheet HTML 26Page - STMicroelectronics L6717 Datasheet HTML 27Page - STMicroelectronics L6717 Datasheet HTML 28Page - STMicroelectronics L6717 Datasheet HTML 29Page - STMicroelectronics L6717 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Power manager I2C
L6717
26/56
Doc ID 17326 Rev 1
6
Power manager I2C
L6717 features a secondary power manager I2C bus to easy the implementation of power
management features as well as over-speeding for “enthusiastic” users. The power
manager I2C bus is operative after the PWRGOOD signal is driven high at the end of the
soft-start.
Power manager I2C is a two wire, SCL (Clock) and SDA (Data), bus connecting a single
master to one or more slaves (L6717) separately addressable. The master initiates and
terminates I2C transactions and drives both the clock, SCL, and the data, SDA, during a
transaction. The slave receives the I2C transactions and acts accordingly.
Power manager I2C wire protocol is based on fast-mode I2C.
Power manager I2C address configuration can be programmed through ADDR pin while
I2CDIS pin allows to disable the bus. See Table 10.
Power manager I2C and SVI bus are two independent buses working in parallel. In case two
commends are issued in the same time on the two buses, L6717 performs them in the same
time.
Table 10.
Power manager I2C configuration
6.1
Power manager commands
Power manager I2C master issues different command sequences to modify several voltage
positioning parameters for CORE and/or NB Sections of L6717.
Moreover the power manager I2C commands allow to configure DPM and other power-
saving-related features.
During a power manager command:
– The bus master sends the start (START) sequence followed by the address of the
controller which the power manager command applies. The bus master then sends
the write (WRITE) bit. After the write bit, the voltage regulator (VR, L6717) sends the
acknowledge (ACK) bit.
– The bus master sends the command code during the command phase. The VR
(L6717) sends the acknowledge (ACK) bit after the command phase.
– The bus master sends the data stream related to the command phase previously
issued (if applicable). The VR (L6717) sends the acknowledge (ACK) bit after the data
stream. Finally, the bus master sends the stop (STOP) sequence.
– After the VR (L6717) has detected the STOP sequence, it performs operations
according to the command issued by the bus master.
I2CDIS
ADDR
Description
3.3V
n/a
Power manager
I2C disabled.
SDA/OVP now becomes OVP to program the OV threshold for
both CORE and NB sections.
SCL/OS now becomes OS to program Offset for the CORE
section.
OPEN
3.3V
It sets
I2C address to 1100111.
OPEN
It sets
I2C address to 1100110 (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com