Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
24
Freescale Semiconductor
Table 19 provides the operating parameters for the ADC DC electrical characteristics.
Figure 2 and Table 20 provide the clock timing diagram and timing parameters.
Figure 2. Clock Timing Definition
Capacitance5, Vin = 0 V, f = 1 MHz
CIN
–6
pF
DATA[31:16], ADDR[24:9], PSTCLK, BCLK
SCL, SDA, PST[3:0], DDATA[3:0], TDSO, SDRAS, SDCAS, SDWE, SD_CS0, SDLDQM, SDUDQM, R/W
TOUT0, RTS[1:0], TXD[1:0], SCLK[4:1]
BKPT/TMS, DSI/TDI, DSCLK/TRST
Capacitance CIN is periodically sampled rather than 100% tested.
SCLK[4:1], SCL0, SCL1, SDA0, SDA1, CRIN, RSTI
Table 19. Operating Parameters for ADC DC Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Operation Voltage Range for ADC
ADVDD
3
–
3.6
V
Common Mode Rejection
CMR
0
–
ADVDD–1.1
v
Reference Voltage (external)
ADREF
0
–
ADVDD–1.1
v
Input offset voltage
Voffset
–10
–
mV
Input Hysteresis (ADINx = ADVDD/2)
Vhyst
0.73
0.78
0.85
mV
ADC Input Linear Operating Range
ADINx
0
–
ADVDD–1.1
V
Table 18. DC Electrical Specifications (I/O Vcc = 3.3 Vdc + 0.3 Vdc) (continued)
Characteristic
Symbol
Min
Max
Units
CRIN
PSTCLK
BCLK
C6
C6
C7
C8
C8
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com