Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
27
Figure 4. Input/Output AC Timing Definition-III
Table 21. Input AC Timing Specification
Num
Characteristic
Min
Max
Units
B11,2
1 Inputs (rising): DATA[31:16]
2 AC timing specs assume 40pF load capacitance on BCLK and 50pF load capacitance on output pins. If this value is different,
the input and output timing specifications would need to be adjusted to match the clock load.
Signal Valid to BCLK Rising (setup)
3
–
ns
B21
BCLK Rising to signal Invalid (hold)
2
–
ns
B31
BCLK to Input High Impedance
–
5
BCLK cycle
Table 22. Output AC Timing Specification
Num
Characteristic1
Min
Max
Units
B102
BCLK (8mA) Rising to signal Valid
–
10
ns
B112
BCLK (8mA) Rising to signal Invalid (hold)
3.5
–
ns
B103
BCLK (4mA) Rising to signal Valid
–
11
ns
B113
BCLK (4mA) Rising to signal Invalid (hold)
4
–
ns
B124
BCLK to High Impedance (Three-State)
–
14
ns
B13
B14
BCLK
H1
H2
HIZ
OUTPUTS
OUTPUTS
BCLK
B3
B4
INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com