Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
29
Figure 6 and Table 24 provide the timing diagram and timing parameters for the Timer module.
Figure 6. Timer Module AC Timing Definition Diagram
Table 24. Timer Module AC Timing Specification
Num
Characteristic
Min
Max
Units
T1
TIN Cycle time
3T
–
bus clocks
T2
TIN Valid to BCLK (input setup)
6
–
ns
T3
BCLK to TIN Invalid (input hold)
0
–
ns
T4
BCLK to TOUT Valid (output valid)
–
10
ns
T5
BCLK to TOUT Invalid (output hold)
tbd
–
ns
T6
TIN Pulse Width
1T
–
bus clocks
T7
TOUT Pulse Width
1T
–
bus clocks
BCLK
T6
T2
T3
T1
T7
T4
T5
TIN
TIN
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com