Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 38Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 39Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 40Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 41Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
38
Freescale Semiconductor
32
RW
O
Bus write enable
Out
33
OSC PAD VDD
–
–
–
34
CRIN
I
Crystal / external clock input
X
35
CROUT
O
Crystal clock output
X
36
OSC PAD GND
–
OSC_PAD_GND
–
37
PLL CORE1 VDD
–
–
–
38
PLL CORE2 VDD
–
–
–
39
PLL CORE2 GND
–
–
–
40
PLL CORE1 GND
–
–
–
41
OE
O
Output Enable
Out
42
IDE-DIOW/GPIO32
I/O
IDE DIOW
Out / HIGH
43
IDE-IORDY/GPIO33
I/O
IDE interface IORDY
In / LOW
44
IDE-DIOR/GPIO31
I/O
IDE interface DIOR
Out / HIGH
45
BUFENB2/GPIO30
I/O
External buffer 2 enable
Out / HIGH
46
BUFENB1/GPIO29
I/O
External buffer 1 enable
Out / HIGH
47
TA/GPIO12
I/O
Transfer acknowledge
In (requires pull-up for normal
operation)
48
WAKE_UP/GPIO21
I/O
Wake-up input
In (requires pull-up for normal
operation)
49
EBUIN2/SCLK_OUT/
GPIO13
I/O
Audio interfaces EBU in 2 /
FlashMedia Clock
In / LOW
50
EBUIN3/CMD_SDIO2/
GPIO14
I/O
Audio interfaces EBU in 3 /
FlashMedia Command interface
In / LOW
51
PAD VDD
–
–
–
52
EBUIN1/GPIO36
I/O
Audio interfaces EBU in 1
In / LOW
53
EBUOUT1/GPIO37
I/O
Audio interfaces EBU out 1
Out / LOW
54
XTRIM/GPIO0
I/O
Audio interfaces X-tal trim
Out / clock out
55
CS1/QSPI_CS3/GPIO28
I/O
Chip select 1/ QSPI Chip Select 3
Out / HIGH
56
RCK/
QSPI_DIN/QSPI_DOUT/
GPIO26
I/O
Subcode RCK interface /
QSPI Data In / Data Out
Out / LOW
57
QSPI_CLK/SUBR/GPIO25
I/O
QSPI clock pin / subcode interface
Out / LOW
58
QSPI_DOUT/SFSY/
GPIO27
I/O
QSPI Data Output / subcode
interface SFSY
Out / LOW
Table 35. 144 QFP Pin Assignments (continued)
144 QFP
Pin Number
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com