Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 9Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 10Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 11Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 12Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 13Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
11
Memory Stick/
Secure Digital interface
EBUIN3/CMD_SDIO2/GPIO14
Secure Digital command lane
Memory Stick interface 2 data I/O
In/Out
–
EBUIN2/SCLK_OUT/GPIO13
Clock out for both Memory Stick
interfaces and for Secure Digital
In/Out
–
DDATA0/CTS1/SDATA0_SDIO1/GPIO1 Secure Digital serial data bit 0
Memory Stick interface 1 data I/O
In/Out
–
SCL0/SDATA1_BS1/GPIO41
Secure Digital serial data bit 1
Memory Stick interface 1 strobe
In/Out
–
DDATA1/RTS1/SDATA2_BS2/GPIO2
Secure Digital serial data bit 2
Memory Stick interface 2 strobe
Reset output signal
In/Out
–
SDA0/SDATA3/GPIO42
Secure Digital serial data bit 3
In/Out
–
ADC IN
ADIN0/GPI52
ADIN1/GPI53
ADIN2/GPI54
ADIN3/GPI55
ADIN4/GPI56
ADIN5/GPI57
Analog to Digital converter input signals
In
–
ADC OUT
ADREF
ADOUT/SCLK4/GPIO58
Analog to digital convertor output signal.
Connect to ADREF via integrator
network.
In/Out
–
QSPI clock
QSPI_CLK/SUBR/GPIO25
QSPI clock signal
In/Out
–
QSPI data in
RCK/QSPI_DIN/QSPI_DOUT/GPIO26
QSPI data input
In/Out
–
QSPI data out
RCK/QSPI_DIN/QSPI_DOUT/GPIO26
QSPI_DOUT/SFSY/GPIO27
QSPI data out
In/Out
–
QSPI chip selects
QSPI_CS0/EBUIN4/GPIO15
QSPI_CS1/EBUOUT2/GPIO16
QSPI_CS2/MCLK2/GPIO24
CS1/QSPI_CS3/GPIO28
QSPI chip selects
In/Out
–
Crystal in
CRIN
Crystal input
In
–
Crystal out
CROUT
Crystal Out
Out
–
Reset In
RSTI
Processor Reset Input
In
–
Freescale Test Mode
TEST[2:0]
TEST pins.
In
–
Linear regulator output
LINOUT
outputs 1.2 V to supply core
Out
–
Linear regulator input
LININ
Input, typically I/O supply (3.3V)
In
–
Linear regulator ground
LINGND
–
–
–
High Impedance
HI-Z
Assertion Tri-states all output signal pins.
In
–
Debug Data
DDATA0/CTS1/SDATA0_SDIO1/GPIO1
DDATA1/RTS1/SDATA2_BS2/GPIO2
DDATA2/CTS0/GPIO3
DDATA3/RTS0/GPIO4
Displays captured processor data and
break-point status.
In/Out
Hi-Z
Table 2. SCF5250 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com