Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
32
Freescale Semiconductor
Figure 9 provides the I2C-bus and system clock timing diagram and Table 28 provides the I2C-bus output
timing parameters.
Figure 9. I2C and System Clock Timing Relationship
Table 28. I2C Output Bus Timings
Num
Characteristic
96 MHz
Units
Min
Max
M101
1 SCL and SDA are internally synchronized. This setup time must be met only if recognition on a particular clock is required.
SCL, SDA Valid to BCLK (input setup)
2
–
ns
M11
BCLK to SCL, SDA Invalid (input hold)
4.5
–
ns
M122
2 Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, this specification applies only when SCL
or SDA are driven low by the processor. The time required for SCL or SDA to reach a high level depends on external signal capacitance and
pull-up resistor values.
BCLK to SCL, SDA Low (output valid)
–
10
ns
M133
3 Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, this specification applies only when SCL
or SDA are actively being driven or held low by the processor.
BCLK to SCL, SDA Invalid (output hold)
3
–
ns
BCLK
SCL, SDA IN
SCL, SDA OUT
SCL, SDA OUT
M10
M11
M12
M13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com