Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 11Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 12Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 13Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
15
3.8
Serial Module Signals
The signals described in Table 5 transfer serial data between the two UART modules and the external
peripherals.
3.9
Timer Module Signals
Table 6 describes the Timer module signal which provides an external interface to Timer0.
Table 5. Serial Module Signals
Serial Module Signal
Description
Receive Data
The RXD0/GPIO46 and SDA1/RXD1/GPIO44 are the inputs on which serial data is received by the
DUART. Data is sampled on RxD[1:0] on the rising edge of the serial clock source, with the least
significant bit received first.
Transmit Data
The DUART transmits serial data on the TXD0/GPIO45 and SCL1/TXD1/GPIO10 output signals. Data
is transmitted on the falling edge of the serial clock source, with the least significant bit transmitted (LSB)
first. When no data is being transmitted or the transmitter is disabled, these two signals are held high.
TxD[1:0] are also held high in local loopback mode.
Request To Send
The DDATA3/RTS0/GP104 and DDATA1/RTS1/SDATA2_BS2/GPIO2 request-to-send outputs indicate
to the peripheral device that the DUART is ready to send data and requires a clear-to-send signal to
initiate transfer.
Clear To Send
Peripherals drive the DDATA2/CTS0/GPIO3 and DDATA0/CTS1/SDATA0_SDIO1/GPIO1 inputs to
indicate to the SCF5250 serial module that it can begin data transmission.
Table 6. Timer Module Signals
Serial Module Signal
Description
Timer Output
The SDATAO1/TOUT0/GPIO18 programmable output pulse or toggle on various timer events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com