Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 38Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 39Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 40Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 41Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 42Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 43Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
40
Freescale Semiconductor
86
DDATA2/CTS0/GPIO3
I/O
Debug / UART0 CTS
Out / HIGH
87
DDATA3/RTS0/GPIO4
I/O
Debug / UART0 RTS
Out / HIGH
88
SCL1/TXD1/GPIO10
I/O
I2C1 clock line / second UART transmit
data output
Out / LOW
89
CORE VDD
–
–
–
90
CORE GND
–
–
–
91
SDA1/RXD1/GPIO44
I/O
I2C1 data line / second UART receive
data input
Hi-Z
92
PAD VDD
–
–
–
93
TXD0/GPIO45
I/O
First UART transmit data output
Out / HIGH
94
RXD0/GPIO46
I/O
First UART receive data input
In / LOW
95
PST3/INTMON1/
GPIO47
I/O
Debug / interrupt monitor output 1
Out / HIGH
96
PST2/INTMON2/GPIO48
I/O
Debug / interrupt monitor output 2
Out / HIGH
97
PAD GND
–
–
–
98
PST1/GPIO49
I/O
Debug
Out / HIGH
99
PST0/GPIO50
I/O
Debug
Out / HIGH
100
PSTCLK/GPIO51
I/O
Debug
Out / clock output
101
TDO/DSO
O
JTAG/debug
BDM
102
TDI/DSI
I
JTAG/debug
BDM
103
TCK
I
JTAG
BDM
104
TMS/BKPT
I
JTAG/debug
BDM
105
TRST/DSCLK
I
JTAG/Debug
BDM
106
RSTI
I
Reset
X
107
SCLK2/GPIO22
I/O
Audio interfaces serial clock 2
In / LOW
108
LRCK2/GPIO23
I/O
Audio interfaces EBU out 1
In /LOW
109
LINOUT
A
Linear regulator output
X
110
LININ
A
Linear regulator input
X
111
LINGND
–
Linear regulator ground
X
112
SDATAO2/GPIO34
I/O
Audio interfaces serial data output 2
Out / LOW
113
MCLK1/GPIO11
I/O
Audio master clock output 1
Out / clock output
114
HI-Z
I
JTAG
X
115
TEST2
I
Test
X
Table 35. 144 QFP Pin Assignments (continued)
144 QFP
Pin Number
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com