Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 50Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 51Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 52Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 53Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 54Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 55Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
55
6
Product Documentation
This section contains this document’s revision history and the reference documents that are available to
provide more information about the SCF5250 processor.
6.1
Reference Documents
The following list contains the documents that provide a complete description of the SCF5250 and are
required to design properly with the part. The documents are available at: http://www.freescale.com.
ColdFire Family Programmer’s Reference Manual (order number CFPRM)
Version 2/2M ColdFire Core Processor User’s Manual (order number ColdFire2UM)
Version 2/2M ColdFire Core Processor User’s Manual Addendum (order number ColdFire2UMAD)
SCF5250 User’s Manual (order number SCF5250UM)
6.2
Revision History
Table 37 list the revision history for this data sheet.
Table 37. Revision History
Revision
Description
1.3
Added 144 LQFP package drawings.
Added 196 MAPBGA package drawings, pin assignments, and ball map.
1.2
Added SCF5250DAG120 and SCF5250EAG120 parts in Table 1.
Content has been reorganized, however there are no other content removal
or additions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com