Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 38Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 39Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
36
Freescale Semiconductor
Figure 14 provides the SCLK input/output, SDATA input timing diagram and Table 33 provides the timing
parameters.
Figure 14. SCLK Input/Output, SDATA Input Timing Diagram
5
Pin-Out and Package Information
Visit the URL [http://www.freescale.com/coldfire] and choose the documentation library to obtain
information on the mechanical characteristics of the SCF5250 integrated microprocessor. Thermal
characteristics are not available at this time.
The SCF5250 is available in a 144 pin QFP and a 196 pin MAPBGA package. Use Table 34 to find the
information desired.
5.1
144 QFP Pin Assignments
The SCF5250 can be assembled in 144-pin QFP package. Table 35 provides the pin assignments for the
package.
Table 33. SCLK Input/Output, SDATA Input Timing Specifications
Num
Characteristic
Min
Max
Units
TSU
SDATAI IN to SCLKn
-5
–
ns
TH
SCLK rise to SDATAI
3
–
ns
Table 34. Section Quick Reference
For Chip
Package
See
144 pin QFP
Pin assignments
Table 35 on page 37
Package drawings
Figure 15 on page 42
Figure 16 on page 43
Figure 17 on page 44
196 MAPBGA
Pin assignments
Table 36 on page 45
Package drawings
Figure 18 on page 52
Figure 19 on page 53
Ball map
Figure 20 on page 54
SCLK
SDATA1, 3, 4 (INPUT)
TSU
TH
(
INPUT OR OUTPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com