Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
34
Freescale Semiconductor
Figure 11 provides the IEEE 1149.1 JTAG timing diagram and Table 30 provides the timing parameters.
Figure 11. JTAG AC Timing Diagram
Table 30. JTAG AC Timing Specifications
Num
Characteristic
Min
Max
Units
–
TCK Frequency of Operation
0
10
MHz
J1
TCK Cycle Time
100
–
ns
J2a
TCK Clock Pulse High Width
25
–
ns
J2b
TCK Clock Pulse Low Width
25
–
ns
J3a
TCK Fall Time (VIH=2.4 V to VIL=0.5 V)
–
5
ns
J3b
TCK Rise Time (VIL=0.5 v to VIH=2.4 V)
–
5
ns
J4
TDI, TMS to TCK rising (Input Setup)
8
–
ns
J5
TCK rising to TDI, TMS Invalid (Hold)
10
–
ns
J6
Boundary Scan Data Valid to TCK (Setup)
tbd
–
ns
J7
TCK to Boundary Scan Data Invalid to rising edge (Hold)
tbd
–
ns
J8
TRST Pulse Width (asynchronous to clock edges)
12
–
ns
J9
TCK falling to TDO Valid (signal from driven or three-state)
–
15
ns
J10
TCK falling to TDO High Impedance
–
15
ns
J1
J2A
J2B
J4
J5
J6
J7
J8
J9
J10
J11
J12
J3A
J3B
TCK
TDI, TMS
TRST
TDO
BOUNDARY
SCAN DATA
OUTPUT
BOUNDARY
SCAN DATA
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com