Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 9 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 9 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 5Page - Intel Corporation PRIXP425BD Datasheet HTML 6Page - Intel Corporation PRIXP425BD Datasheet HTML 7Page - Intel Corporation PRIXP425BD Datasheet HTML 8Page - Intel Corporation PRIXP425BD Datasheet HTML 9Page - Intel Corporation PRIXP425BD Datasheet HTML 10Page - Intel Corporation PRIXP425BD Datasheet HTML 11Page - Intel Corporation PRIXP425BD Datasheet HTML 12Page - Intel Corporation PRIXP425BD Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Product Features
Datasheet
9
1.0
Product Features
1.1
Product Line Features
Table 1 on page 12 describes which features apply to the Intel® IXP42X Product Line of Network
Processors and IXC1100 Control Plane Processor.
• Intel XScale® Core (compliant with ARM* architecture)
— High-performance processor based on Intel XScale® Microarchitecture
— Seven/eight-stage Intel® Super-Pipelined RISC Technology
— Management unit
• 32-entry, data memory management unit
• 32-entry, instruction memory management unit
• 32-Kbyte, 32-way, set associative instruction cache
• 32-Kbyte, 32-way, set associative data cache
• 2-Kbyte, two-way, set associative mini-data cache
• 128-entry, branch target buffer
• Eight-entry write buffer
• Four-entry fill and pend buffers
— Clock speeds:
•266 MHz
•400 MHz
•533 MHz
—ARM* Version V5TE Compliant
—Intel® Media Processing Technology
Multiply-accumulate coprocessor
— Debug unit
Accessible through JTAG port
• Three network processor engines (NPEs)
Used to offload typical Layer-2 networking functions such as:
— Ethernet filtering
—ATM SARing
— HDLC
• PCI interface
— 32-bit interface
— Selectable clock
• 33-MHz clock output
• 0- to 66-MHz clock input
— PCI Local Bus Specification, Rev. 2.2 compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com