Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 15 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 15 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 11Page - Intel Corporation PRIXP425BD Datasheet HTML 12Page - Intel Corporation PRIXP425BD Datasheet HTML 13Page - Intel Corporation PRIXP425BD Datasheet HTML 14Page - Intel Corporation PRIXP425BD Datasheet HTML 15Page - Intel Corporation PRIXP425BD Datasheet HTML 16Page - Intel Corporation PRIXP425BD Datasheet HTML 17Page - Intel Corporation PRIXP425BD Datasheet HTML 18Page - Intel Corporation PRIXP425BD Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Overview
Datasheet
15
Figure 2.
Intel® IXP422 Network Processor Block Diagram
Figure 3.
Intel® IXP421 Network Processor Block Diagram
B1566-02
Media Independent Interface
Media Independent Interface
UART
921Kbaud
Timers
Interrupt
Controller
USB
Controller
GPIO
Controller
UART
921Kbaud
PMU
(AHB)
Test Logic Unit
66 MHz Advanced Peripheral Bus
133 MHz Advanced
High-Performance Bus
Queue
Status
Bus
Bridge
Bridge
Arbiter
Arbiter
Ethernet
NPE B
Ethernet MAC
SHA-1/MD5,
DES, 3DES, AES
PCI
Controller
Exp Bus
Controller
SDRAM
Controller
8 - 256 MB
Intel XScale® Core
266 MHz
32 KB Data Cache
32 KB Instruction Cache
2 KB Mini-Data Cache
Ethernet
NPE A
Ethernet MAC
16 Pins
32-Bit
16-Bit
JTAG
32-Bit
133 MHz Advanced High-
Performance Bus
Queue
Manager
8 KB SRAM
B1565-02
Media Independent Interface
UART
921Kbaud
Timers
Interrupt
Controller
USB
Controller
GPIO
Controller
UART
921Kbaud
PMU
(AHB)
Test Logic Unit
66 MHz Advanced Peripheral Bus
133 MHz Advanced
High-Performance Bus
Queue
Status
Bus
Bridge
Bridge
Arbiter
Arbiter
Ethernet
NPE A
Ethernet MAC
Queue
Manager
8 KB SRAM
PCI
Controller
Exp Bus
Controller
SDRAM
Controller
8 - 256 MB
Intel XScale® Core
266 MHz
32 KB Data Cache
32 KB Instruction Cache
2 KB Mini-Data Cache
16 Pins
32-Bit
16-Bit
JTAG
32-Bit
133 MHz Advanced High-
Performance Bus
WAN/Voice NPE
UTOPIA
(Max 4 xDSL PHYs)
AAL, HSS
Utopia 2
HSS-W
HSS-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com