Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 33 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 33 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 29Page - Intel Corporation PRIXP425BD Datasheet HTML 30Page - Intel Corporation PRIXP425BD Datasheet HTML 31Page - Intel Corporation PRIXP425BD Datasheet HTML 32Page - Intel Corporation PRIXP425BD Datasheet HTML 33Page - Intel Corporation PRIXP425BD Datasheet HTML 34Page - Intel Corporation PRIXP425BD Datasheet HTML 35Page - Intel Corporation PRIXP425BD Datasheet HTML 36Page - Intel Corporation PRIXP425BD Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
Datasheet
33
Table 6.
PCI Controller (Sheet 1 of 2)
Name
Power
On
Reset†
Reset† Type†
Description
PCI_AD[31:0]
Z
Z
I/O
PCI Address/Data bus used to transfer address and bidirectional data to
and from multiple PCI devices.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
PCI_CBE_N[3:0]
Z
Z
I/O
PCI Command/Byte Enables is used as a command word during PCI address
cycles and as byte enables for data cycles.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_PAR
Z
Z
I/O
PCI Parity used to check parity across the 32 bits of PCI_AD and the
four bits of PCI_CBE_N.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
PCI_FRAME_N
Z
Z
I/O
PCI Cycle Frame used to signify the beginning and duration of a
transaction. The signal will be inactive prior to or during the final data
phase of a given transaction.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_TRDY_N
Z
Z
I/O
PCI Target Ready informs that the target of the PCI bus is ready to
complete the current data phase of a given transaction.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_IRDY_N
Z
Z
I/O
PCI Initiator Ready informs the PCI bus that the initiator is ready to
complete the transaction.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_STOP_N
Z
Z
I/O
PCI Stop indicates that the current target is requesting the current initiator
to stop the current transaction.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_PERR_N
Z
Z
I/O
PCI Parity Error asserted when a PCI parity error is detected — between the
PCI_PAR and associated information on the PCI_AD bus and PCI_CBE_N —
during all PCI transactions, except for Special Cycles. The agent receiving
data will drive this signal.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_SERR_N
Z
Z
I/OD
PCI System Error asserted when a parity error occurs on special cycles or
any other error that will cause the PCI bus not to function properly. This
signal can function as an input or an open drain output.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_DEVSEL_N
Z
Z
I/O
PCI Device Select:
• When used as an output, PCI_DEVSEL_N indicates that device has
decoded that address as the target of the requested transaction.
• When used as an input, PCI_DEVSEL_N indicates if any device on
the PCI bus exists with the given address.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_IDSEL
Z
Z
I
PCI Initialization Device Select is a chip select during configuration reads
and writes.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
PCI_REQ_N[3:1]
Z
Z
I
PCI arbitration request: Used by the internal PCI arbiter to allow an agent
to request the PCI bus.
Should be pulled high with a 10-K
Ω resistor when not being utilized in the
system.
PCI_REQ_N[0]
Z
Z
I/O
PCI arbitration request:
• When configured as an input (PCI arbiter enabled), the internal PCI
arbiter will allow an agent to request the PCI bus.
• When configured as an output (PCI arbiter disabled), the pin will be
used to request access to the PCI bus from an external arbiter.
Should be pulled high with a 10-K
Ω resistor, when the PCI bus is not being
utilized in the system.
PCI_GNT_N[3:1]
Z
Z
O
PCI arbitration grant: Generated by the internal PCI arbiter to allow an
agent to claim control of the PCI bus.
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com