Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 35 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 35 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 31Page - Intel Corporation PRIXP425BD Datasheet HTML 32Page - Intel Corporation PRIXP425BD Datasheet HTML 33Page - Intel Corporation PRIXP425BD Datasheet HTML 34Page - Intel Corporation PRIXP425BD Datasheet HTML 35Page - Intel Corporation PRIXP425BD Datasheet HTML 36Page - Intel Corporation PRIXP425BD Datasheet HTML 37Page - Intel Corporation PRIXP425BD Datasheet HTML 38Page - Intel Corporation PRIXP425BD Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
Datasheet
35
Table 8.
High-Speed, Serial Interface 1
Name
Power
On
Reset†
Reset† Type†
Description
HSS_TXFRAME1
Z
Z
I/O
The High-Speed Serial (HSS) transmit frame signal can be configured as
an input or an output to allow an external source to be synchronized with
the transmitted data. Often known as a Frame Sync signal. Configured as
an input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
HSS_TXDATA1
Z
Z
O/D
Transmit data out. Open Drain output.
Must be pulled high with a 10-K
Ω resistor to VCCP.
HSS_TXCLK1
Z
Z
I/O
The High-Speed Serial (HSS) transmit clock signal can be configured as
an input or an output. The clock can be a frequency ranging from 512 KHz
to 8.192 MHz. Used to clock out the transmitted data. Configured as an
input upon reset. Frame sync and Data can be selected to be generated
on the rising or falling edge of the transmit clock.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
HSS_RXFRAME1
Z
Z
I/O
The High-Speed Serial (HSS) receive frame signal can be configured as
an input or an output to allow an external source to be synchronized with
the received data. Often known as a Frame Sync signal. Configured as an
input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
HSS_RXDATA1
Z
VI
I
Receive data input. Can be sampled on the rising or falling edge of the
receive clock.
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
HSS_RXCLK1
Z
Z
I/O
The High-Speed Serial (HSS) receive clock signal can be configured as
an input or an output. The clock can be from 512 KHz to 8.192 MHz. Used
to sample the received data. Configured as an input upon reset.
Should be pulled low with a 10-K
Ω resistor when not being utilized in the
system.
†
For a legend of the Type codes, see Table 4 on page 30.
Table 9.
MII Interfaces (Sheet 1 of 2)
Name
Power
On
Reset†
Reset† Type†
Description
ETH_TXCLK0
ZVI
I
Externally supplied transmit clock.
•
25 MHz for 100-Mbps operation
•
2.5 MHz for 10 Mbps
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
ETH_TXDATA0[3:0]
Z0
O
Transmit data bus to PHY, asserted synchronously with respect to
ETH_TXCLK0.
ETH_TXEN0
Z0
O
Indicates that the PHY is being presented with nibbles on the MII
interface. Asserted synchronously, with respect to ETH_TXCLK0, at the
first nibble of the preamble and remains asserted until all the nibbles of a
frame are presented.
ETH_RXCLK0
ZVI
I
Externally supplied receive clock.
•
25 MHz for 100-Mbps operation
•
2.5 MHz for 10 Mbps
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com