Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 93 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 93 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 89Page - Intel Corporation PRIXP425BD Datasheet HTML 90Page - Intel Corporation PRIXP425BD Datasheet HTML 91Page - Intel Corporation PRIXP425BD Datasheet HTML 92Page - Intel Corporation PRIXP425BD Datasheet HTML 93Page - Intel Corporation PRIXP425BD Datasheet HTML 94Page - Intel Corporation PRIXP425BD Datasheet HTML 95Page - Intel Corporation PRIXP425BD Datasheet HTML 96Page - Intel Corporation PRIXP425BD Datasheet HTML 97Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Electrical Specifications
Datasheet
93
NOTES:
1. Timing test were performed with a 70-pF load to ground.
5.5.2.7
Expansion Bus
Figure 24.
SDRAM Output Timings
Table 51.
SDRAM Output Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tclk2out
Rising edge of clock-to-signal output. Outputs
included in this timing are SDM_ADDR[12:0],
SDM_BA[1:0], SDM_DQM[3:0], SDM_CKE,
SDM_WE_N, SDM_CS_N[1:0], SDM_CAS_N,
SDM_RAS_N, SDM_DQ[31:0] (during a write
operation).
5.5
ns
1
Tholdout
Signal output hold time after the rising edge of
the clock. Outputs included in this timing are
SDM_DQ[31:0] (during a write operation).
1.5
ns
1
A9584-01
Tclk2out
Tholdout
Data Valid
Clock
Signals
Figure 25.
Intel Multiplexed Mode
A9585-01
EX_CLK
EX_ADDR
EX_DATA
EX_RD_N
EX_DATA
EX_ALE
EX_WR_N
EX_CS_N
Valid Address
T5
1-16 Cycles
T4
1-4 Cycles
Trecov
Tale2addrhold
Trdsetup
Trdhold
Tdval2valwrt
Tdhold2afterwr
T3
1-16 Cycles
T2
1-4 Cycles
T1
2-5 Cycles
ALE Extended
Talepulse Tale2valcs
Twrpulse
Address
Output Data
Address
Input Data
Multiplexed Address/Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com