Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 1 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 1 Page - Intel Corporation

  PRIXP425BD Datasheet HTML 1Page - Intel Corporation PRIXP425BD Datasheet HTML 2Page - Intel Corporation PRIXP425BD Datasheet HTML 3Page - Intel Corporation PRIXP425BD Datasheet HTML 4Page - Intel Corporation PRIXP425BD Datasheet HTML 5Page - Intel Corporation PRIXP425BD Datasheet HTML 6Page - Intel Corporation PRIXP425BD Datasheet HTML 7Page - Intel Corporation PRIXP425BD Datasheet HTML 8Page - Intel Corporation PRIXP425BD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
Intel® IXP42X Product Line of Network
Processors and IXC1100 Control Plane
Processor
Datasheet
Product Features
For a complete list of product features, see “Product Features” on page 9.
Typical Applications
■ Intel XScale
® Core
■ Three Network Processor Engines
■ PCI Interface
■ Two MII Interfaces
■ UTOPIA-2 Interface
■ USB v 1.1 Device Controller
■ Two High-Speed, Serial Interfaces
■ SDRAM Interface
■ Encryption/Authentication
■ High-Speed UART
■ Console UART
■ Internal Bus Performance Monitoring Unit
■ 16 GPIOs
■ Four Internal Timers
■ Packaging
—492-pin PBGA
—Commercial/Extended Temperature
■ High-Performance DSL Modem
■ High-Performance Cable Modem
■ Residential Gateway
■ SME Router
■ Network Printers
■ Control Plane
■ Integrated Access Device (IAD)
■ Set-Top Box
■ Access Points (802.11a/b/g)
■ Industrial Controllers
Document Number: 252479-004
June 2004


Similar Part No. - PRIXP425BD

ManufacturerPart #DatasheetDescription
logo
Rohm
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
Photointerrupter, Ultraminiature DIP type
logo
List of Unclassifed Man...
PRIMALRAGE-JAMMA ETC-PRIMALRAGE-JAMMA Datasheet
89Kb / 1P
CHAPTER 5-SCHEMATIC DIAGRAMS
PRISM-0700W ETC2-PRISM-0700W Datasheet
407Kb / 1P
Multitouch projective capacitive touch LCD
PRISM-0700W-START ETC2-PRISM-0700W-START Datasheet
407Kb / 1P
Multitouch projective capacitive touch LCD
logo
Intersil Corporation
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
OEM Wireless Local Area Network PC Card
November 1998
More results

Similar Description - PRIXP425BD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
IXP42X INTEL-IXP42X Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Intel Corporation
EP80579 INTEL-EP80579 Datasheet
19Mb / 1916P
Intel짰 EP80579 Integrated Processor Product Line
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
Product Line of Network Processors
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
logo
Intel Corporation
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
Intel짰 IXP2400 Network Processor
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
Intel IXP43X Product Line of Network Processors
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com