Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 40 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 40 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 36Page - Intel Corporation PRIXP425BD Datasheet HTML 37Page - Intel Corporation PRIXP425BD Datasheet HTML 38Page - Intel Corporation PRIXP425BD Datasheet HTML 39Page - Intel Corporation PRIXP425BD Datasheet HTML 40Page - Intel Corporation PRIXP425BD Datasheet HTML 41Page - Intel Corporation PRIXP425BD Datasheet HTML 42Page - Intel Corporation PRIXP425BD Datasheet HTML 43Page - Intel Corporation PRIXP425BD Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
40
Datasheet
Table 14.
Oscillator Interface
Name
Power
On
Reset†
Reset†
Type†
Description
OSC_IN
I
33.33-MHz, sinusoidal crystal input signal. Can be driven by an oscillator.
OSC_OUT
O
33.33-MHz, sinusoidal crystal output signal. Left disconnected when being
driven by an oscillator.
†
For a legend of the Type codes, see Table 4 on page 30.
Table 15.
GPIO Interface
Name
Power
On
Reset†
Reset†
Type†
Description
GPIO[12:0]
Z
Z
I/O
General purpose Input/Output pins. May be configured as an input or an
output. As an input, each signal may be configured a processor interrupt.
Default after reset is to be configured as inputs.
Should be pulled low using a 10-K
Ω resistor when not being utilized in the
system.
GPIO[13]
Z
Z
I/O
General purpose input/output pins. May be configured as an input or an
output. Default after reset is to be configured as inputs.
Should be pulled low using a 10-K
Ω resistor when not being utilized in the
system.
GPIO[14]
Z
Z
I/O
Can be configured similar to GPIO Pin 13 or as a clock output. Configuration
as an output clock can be set at various speeds of up to 33.33 MHz with
various duty cycles. Configured as an input, upon reset.
Should be pulled low though a 10-K
Ω resistor when not being utilized in the
system.
GPIO[15]
Z
CLKOUT
/VO
I/O
Can be configured similar to GPIO Pin 13 or as a clock output. Configuration
as an output clock can be set at various speeds of up to 33.33 MHz with
various duty cycles. Configured as an output, upon reset. Can be used to
clock the expansion interface, after reset.
Should be pulled low though a 10-K
Ω resistor when not being utilized in the
system.
†
For a legend of the Type codes, see Table 4 on page 30.
Table 16.
JTAG Interface
Name
Power
On
Reset†
Reset†
Type†
Description
JTG_TMS
H
VI/PE
I
Test mode select for the IEEE 1149.1 JTAG interface.
JTG_TDI
H
VI/PE
I
Input data for the IEEE 1149.1 JTAG interface.
JTG_TDO
Z
VO
O
Output data for the IEEE 1149.1 JTAG interface.
JTG_TRST_N
H
VI/PE
I
Used to reset the IEEE 1149.1 JTAG interface.
The JTG_TRST_N signal must be asserted (driven low) during
power-up, otherwise the TAP controller may not be initialized properly,
and the processor may be locked.
When the JTAG interface is not being used, the signal must be pulled low
using a 10-K
Ω resistor.
JTG_TCK
Z
VI
I
Used as the clock for the IEEE 1149.1 JTAG interface.
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com