Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 12 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 12 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 8Page - Intel Corporation PRIXP425BD Datasheet HTML 9Page - Intel Corporation PRIXP425BD Datasheet HTML 10Page - Intel Corporation PRIXP425BD Datasheet HTML 11Page - Intel Corporation PRIXP425BD Datasheet HTML 12Page - Intel Corporation PRIXP425BD Datasheet HTML 13Page - Intel Corporation PRIXP425BD Datasheet HTML 14Page - Intel Corporation PRIXP425BD Datasheet HTML 15Page - Intel Corporation PRIXP425BD Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Product Features
12
Datasheet
1.2
Processor Features
1.3
About this Document
This datasheet contains a functional overview of the Intel® IXP42X Product Line of Network
Processors and IXC1100 Control Plane Processor, as well as mechanical data (package signal
locations and simulated thermal characteristics), targeted electrical specifications, and some bus
functional wave forms for the device. Detailed functional descriptions — other than parametric
performance — are published in the Intel® IXP42X Product Line of Network Processors and
IXC1100 Control Plane Processor Developer’s Manual.
Other related documents are shown in Table 2.
Table 1. Processor Features
Feature
Intel® IXP425
Network
Processor
B0 Step
Intel® IXP422
Network
Processor
Intel® IXP421
Network
Processor
Intel® IXP420
Network
Processor
Intel® IXC1100
Control Plane
Processor
Processor Speed
(MHz)
266/400/533
266
266
2661/400/533
1. Only the 266-MHz version of the Intel® IXP420 Network Processor supports extended temperature.
266/400/533
UTOPIA 2
X
X
GPIO
XXXXX
UART 0/1
X
XXXX
HSS 0
X
X
HSS 1
X
X
MII 0
X
XXXX
MII 1
X
X
X
X
USB
X
XXXX
PCI
X
XXXX
Expansion Bus
16-bit, 66-MHz
16-bit, 66-MHz
16-bit, 66-MHz
16-bit, 66-MHz
16-bit, 66-MHz
SDRAM
32-bit,
133-MHz
32-bit,
133-MHz
32-bit,
133-MHz
32-bit,
133-MHz
32-bit,
133-MHz
AES / DES / DES3
X
X
Multi-Channel HDLC
8
8
SHA-1 / MD-5
X
X
Commercial
Temperature
XXXXX
Extended
Temperature
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com