Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 41 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 41 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 37Page - Intel Corporation PRIXP425BD Datasheet HTML 38Page - Intel Corporation PRIXP425BD Datasheet HTML 39Page - Intel Corporation PRIXP425BD Datasheet HTML 40Page - Intel Corporation PRIXP425BD Datasheet HTML 41Page - Intel Corporation PRIXP425BD Datasheet HTML 42Page - Intel Corporation PRIXP425BD Datasheet HTML 43Page - Intel Corporation PRIXP425BD Datasheet HTML 44Page - Intel Corporation PRIXP425BD Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
Datasheet
41
Table 17.
System Interface
Name
Power
On
Reset
Reset
Type
Description
BYPASS_CLK
Z
VI
I
Used for test purposes only.
Must be pulled high for normal operation.
SCANTESTMODE_N
H
VI/PE
I
Used for test purposes only.
Must be pulled high for normal operation.
RESET_IN_N
0
VI
I
Used as a reset input to the device after power up conditions have
been met. Power up conditions include the power supplies reaching
a safe stable condition and the PLL achieving a locked state and the
PWRON_RESET_N coming to an active state prior to the
RESET_IN_N coming to an active state.
PWRON_RESET_N
0
VI
I
Signal used at power up to reset all internal logic to a known state
after the PLL has achieved a locked state. The PWRON_RESET_N
input is a 1.3-V tolerant only.
HIGHZ_N
H
VI/PE
I
Used for test purposes only.
Must be pulled high for normal operation.
PLL_LOCK
Z
VO
O
Signal used to inform external reset logic that the internal PLL has
achieved a locked state.
RCOMP
I
Signal used to control PCI drive strength characteristics. Drive
strength is varied on PCI address, data and control signals.
Pin requires a 34-
Ω +/- 1% tolerance resistor to ground. Refer to
Figure 12 on page 77
For a legend of the Type codes, see Table 4 on page 30.
Table 18.
Power Interface
Name
Type
Description
VCC
I
1.3-V power supply input pins used for the internal logic.
VCCP
I
3.3-V power supply input pins used for the peripheral (I/O) logic.
VSS
Ground power supply input pins used for both the 3.3-V and the 1.3-V power supplies.
VCCOSCP
I
3.3-V power supply input pins used for the peripheral (I/O) logic of the analog
oscillator circuitry.
Require special power filtering circuitry. Refer to Figure 10 on page 76
VSSOSCP
I
Ground input pins used for the peripheral (I/O) logic of the analog oscillator circuitry.
Used in conjunction with the VCCOSCP pins.
Requires special power filtering circuitry. Refer to Figure 10 on page 76
VCCOSC
I
1.3-V power supply input pins used for the internal logic of the analog oscillator
circuitry.
Requires special power filtering circuitry. Refer to Figure 11 on page 76
VSSOSC
I
Ground power supply input pins used for the internal logic of the analog oscillator
circuitry. Used in conjunction with the VCCOSC pins.
Requires special power filtering circuitry. Refer to Figure 11 on page 76
VCCPLL1
I
1.3-V power supply input pins used for the internal logic of the analog phase lock-loop
circuitry.
Requires special power filtering circuitry. Refer to Figure 8 on page 75
VCCPLL2
I
1.3-V power supply input pins used for the internal logic of the analog phase lock-loop
circuitry.
Requires special power filtering circuitry. Refer to Figure 9 on page 75
† For a legend of the
Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com