Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 31 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 31 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 27Page - Intel Corporation PRIXP425BD Datasheet HTML 28Page - Intel Corporation PRIXP425BD Datasheet HTML 29Page - Intel Corporation PRIXP425BD Datasheet HTML 30Page - Intel Corporation PRIXP425BD Datasheet HTML 31Page - Intel Corporation PRIXP425BD Datasheet HTML 32Page - Intel Corporation PRIXP425BD Datasheet HTML 33Page - Intel Corporation PRIXP425BD Datasheet HTML 34Page - Intel Corporation PRIXP425BD Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
Datasheet
31
This section’s other tables include:
• Table 5 — SDRAM Interface signals
• Table 6 — PCI Controller signals
• Table 7 — High-Speed, Serial Interface 0 signals
• Table 8 — High-Speed, Serial Interface 1 signals
• Table 9 — MII Interfaces signals
• Table 10 — UTOPIA-2 Interface signals
• Table 11 — Expansion Bus Interface signals
• Table 12 — UART Interfaces signals
• Table 13 — USB Interface signals
• Table 14 — Oscillator Interface signals
• Table 15 — GPIO Interface signals
• Table 16 — JTAG Interface signals
• Table 17 — System Interface signals
• Table 18 — Power Interface signals
Note:
1. The Power On Reset Column of the Tables indicate the state of the signals during the Power On Reset
process
2. The Reset Column of the Tables indicate the state of the signals during the Reset.
Table 5.
SDRAM Interface (Sheet 1 of 2)
Name
Power
on
Reset†
Reset† Type†
Description
SDM_ADDR[12:0]
Z
0
O
SDRAM Address: A0-A12 signals are output during the READ/WRITE
commands and ACTIVE commands to select a location in memory to act
upon.
SDM_DATA[31:0]
Z
1I/O
SDRAM Data: Bidirectional data bus used to transfer data to and from the
SDRAM
SDM_CLKOUT
Z
0O
SDRAM Clock: All SDRAM input signals are sampled on the rising edge
of SDM_CLKOUT. All output signals are driven with respect to the rising
edge of SDM_CLKOUT.
SDM_BA[1:0]
Z
0O
SDRAM Bank Address: SDM_BA0 and SDM_BA1 define the bank the
current command is attempting to access.
SDM_RAS_N
Z
1
O
SDRAM Row Address strobe/select (active low): Along with
SDM_CAS_N, SDM_WE_N, and SDM_CS_N signals determines the
current command to be executed.
SDM_CAS_N
Z
1O
SDRAM Column Address strobe/select (active low): Along with
SDM_RAS_N, SDM_WE_N, and SDM_CS_N signals determines the
current command to be executed.
SDM_CS_N[1:0]
Z
1O
SDRAM Chip select (active low): CS# enables the command decoder in
the external SDRAM when logic low and disables the command decoder
in the external SDRAM when logic high.
SDM_WE_N
Z
1O
SDRAM Write enable (active low): Along with SDM_CAS_N,
SDM_RAS_N, and SDM_CS_N signals determines the current command
to be executed.
† For a legend of the
Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com