Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 36 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 36 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 32Page - Intel Corporation PRIXP425BD Datasheet HTML 33Page - Intel Corporation PRIXP425BD Datasheet HTML 34Page - Intel Corporation PRIXP425BD Datasheet HTML 35Page - Intel Corporation PRIXP425BD Datasheet HTML 36Page - Intel Corporation PRIXP425BD Datasheet HTML 37Page - Intel Corporation PRIXP425BD Datasheet HTML 38Page - Intel Corporation PRIXP425BD Datasheet HTML 39Page - Intel Corporation PRIXP425BD Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
36
Datasheet
ETH_RXDATA0[3:0]
ZVI
I
Receive data bus from PHY, data sampled synchronously with respect
to ETH_RXCLK0
• Should be pulled low through a 10-K
Ω resistor when not being
utilized in the system.
ETH_RXDV0
ZVI
I
Receive data valid, used to inform the MII interface that the Ethernet
PHY is sending data. Should be pulled low through a 10-K
Ω resistor
when not being utilized in the system.
ETH_COL0
ZVI
I
Asserted by the PHY when a collision is detected by the PHY. Should be
pulled low through a 10-K
Ω resistor when not being utilized in the
system.
ETH_CRS0
ZVI
I
Asserted by the PHY when the transmit medium or receive medium is
active. De-asserted when both the transmit and receive medium are
idle. Remains asserted throughout the duration of a collision condition.
PHY asserts CRS asynchronously and de-asserts synchronously, with
respect to ETH_RXCLK0. Should be pulled low through a 10-K
Ω resistor
when not being utilized in the system.
ETH_MDIO
Z
Z
I/O
Management data output. Provides the write data to both PHY devices
connected to each MII interface.
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
ETH_MDC
ZZ
O
Management data clock. Management data interface clock is used to
clock the MDIO signal as an output and sample the MDIO as an input.
The ETH_MDC is an input on power up and can be configured to be an
output through an Intel API as documented in the Intel® IXP400
Software Programmer’s Guide.
ETH_TXCLK1
ZVI
I
Externally supplied transmit clock.
• 25 MHz for 100-Mbps operation
• 2.5 MHz for 10 Mbps
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
ETH_TXDATA1[3:0]
Z0
O
Transmit data bus to PHY, asserted synchronously with respect to
ETH_TXCLK1.
ETH_TXEN1
Z0
O
Indicates that the PHY is being presented with nibbles on the MII
interface. Asserted synchronously, with respect to ETH_TXCLK1, at the
first nibble of the preamble, and remains asserted until all the nibbles of
a frame are presented.
ETH_RXCLK1
ZVI
I
Externally supplied receive clock.
• 25 MHz for 100-Mbps operation
• 2.5 MHz for 10 Mbps
Should be pulled low through a 10-K
Ω resistor when not being utilized in the
system.
ETH_RXDATA1[3:0]
ZVI
I
Receive data bus from PHY, data sampled synchronously, with respect
to ETH_RXCLK1.
• Should be pulled low through a 10-K
Ω resistor when not being
utilized in the system.
ETH_RXDV1
ZVI
I
Receive data valid, used to inform the MII interface that the Ethernet
PHY is sending data.
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
ETH_COL1
ZVI
I
Asserted by the PHY when a collision is detected by the PHY.
• Should be pulled low through a 10-K
Ω resistor when not being
utilized in the system.
ETH_CRS1
ZVI
I
Asserted by the PHY when the transmit medium or receive medium are
active. De-asserted when both the transmit and receive medium are
idle. Remains asserted throughout the duration of collision condition.
PHY asserts CRS asynchronously and de-asserts synchronously with
respect to ETH_RXCLK1.
Should be pulled low through a 10-K
Ω resistor when not being utilized in
the system.
Table 9.
MII Interfaces (Sheet 2 of 2)
Name
Power
On
Reset†
Reset† Type†
Description
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com