Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 101 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 101 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 97Page - Intel Corporation PRIXP425BD Datasheet HTML 98Page - Intel Corporation PRIXP425BD Datasheet HTML 99Page - Intel Corporation PRIXP425BD Datasheet HTML 100Page - Intel Corporation PRIXP425BD Datasheet HTML 101Page - Intel Corporation PRIXP425BD Datasheet HTML 102Page - Intel Corporation PRIXP425BD Datasheet HTML 103Page - Intel Corporation PRIXP425BD Datasheet HTML 104Page - Intel Corporation PRIXP425BD Datasheet HTML 105Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Electrical Specifications
Datasheet
101
NOTES:
1. The address phase parameter (T1) must be set to a minimum value of 2. This value allows three T clocks for
the address phase. This setting is required to ensure that in the event of an HRDY, the Intel® IXP4XX Product
Line and Intel® IXC1100 Control Plane processors has had sufficient time to recognize the HRDY and hold
the address phase for at least one clock pulse after the HRDY is de-active.
2. The data setup phase parameter (T2) must be set to a minimum value of 2. This value allows three T clocks
for setup phase.
3. The data strobe phase parameter (T3) must be set to a minimum value of 1. This value allows two T clocks
for the data phase. This setting is required to ensure that in the event of an HRDY, the Intel® IXP4XX Product
Line and Intel® IXC1100 Control Plane processors has had sufficient time to recognize the HRDY and hold
the data setup phase for at least one clock pulse after the HRDY is de-active
4. Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on the
Expansion Bus interface.
5. HRDY can be asserted by the DSP at any point in the access. The interface will not leave states T1 or T3
until HRDY is de-active
6. One cycle is the period of the Expansion Bus clock.
7. Timing tests were performed with a 70-pF capacitor to ground.
Table 59.
HPI-16 Multiplexed Write Accesses Values
Symbol
Parameter
Min.
Max
.
Units
Notes
Tadd_setup
Valid time that address is asserted on the line. The address
is asserted at the same time as chip select.
11
45
Cycles 1, 5, 6
Tcs2hds1val
Delay from chip select being active and the HDS1 data
strobe being active.
3
4
Cycles 5, 6
Thds1_pulse
Pulse width of the HDS1 data strobe
4
5
Cycles 2, 4, 5
Tdata_setup
Data valid prior to the rising edge of the HDS1 data strobe.
4
5
Cycles 3, 5, 6
Tdata_hold
Data valid after the rising edge of the HDS1 data strobe.
4
36
Cycles 3, 6
Trecov
Time required between successive accesses on the
expansion interface.
217
Cycles 4, 6
Figure 30.
HPI-16 Multiplex Write Mode
Data
Valid
Data
Valid
T1
T3
T4
T3
T2
T4
T1 T2
T5
EX_ADDR[2:1]
(hcntl)
EX_RDY_N
(hrdy)
EX_DATA
(hdin)
EX_CS_N
(hcs_n)
EX_W R_N
(hds1_n)
EX_RD_N
(hr_w_n)
EX_CLK
Tadd_setup
Thds1_pulse
Tcs2hds1val
Tdata_setup
Tdata_hold
Trecov



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com