Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRIXP425BD Datasheet(PDF) 107 Page - Intel Corporation

Part # PRIXP425BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PRIXP425BD Datasheet(HTML) 107 Page - Intel Corporation

Back Button PRIXP425BD Datasheet HTML 103Page - Intel Corporation PRIXP425BD Datasheet HTML 104Page - Intel Corporation PRIXP425BD Datasheet HTML 105Page - Intel Corporation PRIXP425BD Datasheet HTML 106Page - Intel Corporation PRIXP425BD Datasheet HTML 107Page - Intel Corporation PRIXP425BD Datasheet HTML 108Page - Intel Corporation PRIXP425BD Datasheet HTML 109Page - Intel Corporation PRIXP425BD Datasheet HTML 110Page - Intel Corporation PRIXP425BD Datasheet HTML 111Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Electrical Specifications
Datasheet
107
5.5.2.7.1
EX_IOWAIT_N
The EX_IOWAIT_N signal is available to be shared by devices attached to Chip Selects 0 through
7 and is used as required by slow devices.
If the external device asserts EX_IOWAIT_N during the strobe phase of a read transfer, the
controller will hold in that phase until the EX_IOWAIT_N goes false. At that time, the controller
will immediately transition to the hold phase regardless of the setting of the programming
parameter (T3) for the strobe phase.
The EX_IOWAIT_N signal only affects the interface during the strobe phase of a read transfer. If
Chip Selects 4 through 7 are configured in HPI mode of operation, each chip select will have a
corresponding HRDY signal called EX_RDY. The polarity of the ready signal is programmable.
Chip Select 4 corresponds to EX_RDY signal 0 and Chip Select 7 corresponds to EX_RDY signal
3.
5.5.2.8
High-Speed, Serial Interfaces
Figure 34.
High-Speed, Serial Timings
A9594-01
hss_txclk/
hss_rxclk1
hss_(tx or rx)frame
(Positive edge)
hss_(tx or rx)frame
(Negative edge)
hss_ rxdata
(Positive edge)
As Inputs:
Valid Data
hss_ rxdata
(Negative edge)
hss_(tx or rx)frame
(Positive edge)
hss_(tx or rx)frame
(Negative edge)
hss_ txdata
(Positive edge)
hss_ txdata
(Negative edge)
As Outputs:
Valid Data
T1
T3
T4
Valid Data
Valid Data
T6
T5
T7
T8
T2
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com