Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 18Page - Cirrus Logic CS4299 Datasheet HTML 19Page - Cirrus Logic CS4299 Datasheet HTML 20Page - Cirrus Logic CS4299 Datasheet HTML 21Page - Cirrus Logic CS4299 Datasheet HTML 22Page - Cirrus Logic CS4299 Datasheet HTML 23Page - Cirrus Logic CS4299 Datasheet HTML 24Page - Cirrus Logic CS4299 Datasheet HTML 25Page - Cirrus Logic CS4299 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
CS4299
22
4.5
PC_BEEP Volume Register (Index 0Ah)
Mute
PC_BEEP Mute. Setting this bit mutes the PC_BEEP input signal.
PV[3:0]
PC_BEEP Volume Control. The PV[3:0] bits are used to control the gain levels of the PC_BEEP
input source to the Input Mixer. Each step corresponds to 3 dB gain adjustment, with
0000 = 0 dB. The total range is 0 dB to -45 dB attenuation.
Default
0000h. This value corresponds to 0 dB attenuation and Mute ‘clear’.
This register has no effect on the PC_BEEP volume during RESET#.
4.6
Phone Volume Register (Index 0Ch)
Mute
Phone Mute. Setting this bit mutes the Phone input signal.
GN[4:0]
Phone Volume Control. The GN[4:0] bits are used to control the gain levels of the Phone input
source to the Input Mixer. Each step corresponds to 1.5 dB gain adjustment, with 01000 = 0 dB.
The total range is +12 dB to -34.5 dB gain. See Table 4 on page 24 for further details.
Default
8008h. This value corresponds to 0 dB gain and Mute ‘set’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
0
0
0
0
0
0
0
0
0
PV3
PV2
PV1
PV0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
00
00
00
00
00
GN4
GN3
GN2
GN1
GN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com