Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 19Page - Cirrus Logic CS4299 Datasheet HTML 20Page - Cirrus Logic CS4299 Datasheet HTML 21Page - Cirrus Logic CS4299 Datasheet HTML 22Page - Cirrus Logic CS4299 Datasheet HTML 23Page - Cirrus Logic CS4299 Datasheet HTML 24Page - Cirrus Logic CS4299 Datasheet HTML 25Page - Cirrus Logic CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
CS4299
23
4.7
Microphone Volume Register (Index 0Eh)
Mute
Microphone Mute. Setting this bit mutes the MIC1 or MIC2 signal. The selection of the MIC1 or
MIC2 input pin is controlled by the MS bit in the General Purpose Register (Index 20h).
GN[4:0]
Microphone Volume Control. The GN[4:0] bits are used to control the gain level of the Micro-
phone input source to the Input Mixer. Each step corresponds to 1.5 dB gain adjustment, with
01000 = 0 dB. The total range is +12 dB to -34.5 dB gain. See Table 3 for further details.
20dB
Microphone 20 dB Boost. When ‘set’, the 20dB bit enables the +20 dB microphone boost block.
This bit allows for variable boost of 0 dB or +20 dB. Table 3 summarizes this behavior.
Default
8008h. This value corresponds to 0 dB gain and Mute ‘set’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
00
00
00
00
20dB
0
GN4
GN3
GN2
GN1
GN0
GN[4:0]
Gain Level
20dB = 0
20dB = 1
00000
+12.0 dB
+32.0 dB
00001
+10.5 dB
+30.5 dB
……
...
00111
+1.5 dB
+21.5 dB
01000
0.0 dB
+20.0 dB
01001
-1.5 dB
+18.5 dB
……
...
11111
-34.5 dB
-14.5 dB
Table 3. Microphone Input Gain Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com