Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 21Page - Cirrus Logic CS4299 Datasheet HTML 22Page - Cirrus Logic CS4299 Datasheet HTML 23Page - Cirrus Logic CS4299 Datasheet HTML 24Page - Cirrus Logic CS4299 Datasheet HTML 25Page - Cirrus Logic CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic CS4299 Datasheet HTML 28Page - Cirrus Logic CS4299 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
CS4299
25
4.9
Input Mux Select Register (Index 1Ah)
SL[2:0]
Left Channel Source. The SL[2:0] bits select the left channel source to pass to the ADCs for
recording. See Table 6 for possible values.
SR[2:0]
Right Channel Source. The SR[2:0] bits select the right channel source to pass to the ADCs for
recording. See Table 6 for possible values.
Default
0000h. This value selects the Mic input for both channels.
4.10
Record Gain Register (Index 1Ch)
Mute
Record Gain Mute. Setting this bit mutes the input to the L/R ADCs.
GL[3:0]
Left ADC Gain. The GL[3:0] bits control the input gain on the left channel of the analog source,
applied after the input mux and before the ADCs. Each step corresponds to 1.5 dB gain adjust-
ment, with 0000 = 0 dB. The total range is 0 dB to +22.5 dB gain.
GR[3:0]
Right ADC Gain. The GR[3:0] bits control the input gain on the right channel of the analog
source, applied after the input mux and before the ADCs. Each step corresponds to 1.5 dB gain
adjustment, with 0000 = 0 dB. The total range is 0 dB to +22.5 dB gain.
Default
8000h. This value corresponds to 0 dB gain and Mute ‘set’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
0
SL2
SL1
SL0
00
00
0
SR2
SR1
SR0
Sx[2:0]
Record Source
000
Mic
001
CD Input
010
Video Input
011
Aux Input
100
Line Input
101
Stereo Mix
110
Mono Mix
111
Phone Input
Table 6. Input Mux Selection
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
0
0
GL3
GL2
GL1
GL0
0
0
0
0
GR3
GR2
GR1
GR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com