Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic CS4299 Datasheet HTML 28Page - Cirrus Logic CS4299 Datasheet HTML 29Page - Cirrus Logic CS4299 Datasheet HTML 30Page - Cirrus Logic CS4299 Datasheet HTML 31Page - Cirrus Logic CS4299 Datasheet HTML 32Page - Cirrus Logic CS4299 Datasheet HTML 33Page - Cirrus Logic CS4299 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
CS4299
30
4.18
AC Mode Control Register (Index 5Eh)
DDM
DAC Direct Mode. This bit controls the source to the line and alternate line output drivers. When
‘set’, the L/R DACs directly drive the line and alternate line outputs by bypassing the audio mix-
er. When ‘clear’, the audio mixer is the source for the line and alternate line outputs.
AMAP
Audio Slot Mapping. This read/write bit controls whether the CS4299 responds to the Codec ID
based slot mapping as outlined in the AC ’97 2.1 specification. The bit is shadowed in the Ex-
tended Audio ID Register (Index 28h). Refer to Table 8 for the slot mapping configurations.
SM[1:0]
Slot Map. The SM[1:0] bits define the Slot Mapping for the CS4299 when the AMAP bit is
‘cleared’. Refer to Table 8 for the slot mapping configurations.
Default
0080h
4.19
Misc. Crystal Control Register (Index 60h)
LOSM
Loss of SYNC Mute Enable. The LOSM bit controls the loss of SYNC mute function. If this bit
is ‘set’, the CS4299 will mute all analog outputs for the duration of loss of SYNC. If this bit is
‘cleared’, the mixer will continue to function normally during loss of SYNC. The CS4299 ex-
pects to sample SYNC ‘high’ for 16 consecutive BIT_CLK periods and then ‘low’ for 240 con-
secutive BIT_CLK periods, otherwise loss of SYNC becomes true.
Default
0023h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
00
0
DDM
AMAP
0
SM1
SM0
0
0
0
0
Slot
Assignment
Mode
Codec ID
Slot Map
AMAP
Slot Assignments
ID1
ID0 SM1 SM0
DAC,
SPDIF
ADC
LR
LR
AMAP Mode 0
0
0
X
X
1
3434
AMAP Mode 1
0
1
X
X
1
3434
AMAP Mode 2
1
0
X
X
1
7878
AMAP Mode 3
1
1
X
X
1
6969
Slot Map Mode 0
X
X
0
0
0
3434
Slot Map Mode 1
X
X
0
1
0
5656
Slot Map Mode 2
X
X
1
0
0
7878
Slot Map Mode 3
X
X
1
1
0
9
10
9
10
Table 8. Slot Mapping
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
Reserved
00
Reserved
0
Reserved
LOSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com