Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 32Page - Cirrus Logic CS4299 Datasheet HTML 33Page - Cirrus Logic CS4299 Datasheet HTML 34Page - Cirrus Logic CS4299 Datasheet HTML 35Page - Cirrus Logic CS4299 Datasheet HTML 36Page - Cirrus Logic CS4299 Datasheet HTML 37Page - Cirrus Logic CS4299 Datasheet HTML 38Page - Cirrus Logic CS4299 Datasheet HTML 39Page - Cirrus Logic CS4299 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
CS4299
36
6. ANALOG HARDWARE
DESCRIPTION
The analog line-level input hardware consists of
four stereo inputs (LINE_IN_L/R, CD_L/GND/R,
VIDEO_L/R, and AUX_L/R), two selectable
mono microphone inputs (MIC1 and MIC2), and
two mono inputs (PC_BEEP and PHONE). The an-
alog line-level output hardware consists of a mono
output (MONO_OUT), and dual stereo line outputs
(LINE_OUT_L/R and ALT_LINE_OUT_L/R).
This section describes the analog hardware needed
to interface with these pins. The designs presented
in this section comply with specifications detailed
in Chapter 17 of the MicrosoftPC Design Guide-
lines [7] (referred to as PC 99). For EMI reduction
techniques refer to the application note N165:
CS4297A/CS4299 EMI Reduction Techniques [5].
6.1
Analog Inputs
All analog inputs to the CS4299, including
CD_GND, should be capacitively coupled to the
input pins. Unused analog inputs should be tied to-
gether and connected through a capacitor to analog
ground or tied to the Vrefout pin directly. The max-
imum allowed voltage for analog inputs, except the
microphone input, is 1 VRMS. For the microphone
input the maximum allowed voltage depends on the
selected boost setting.
6.1.1
Line-Level Inputs
Figure 10 shows circuitry for a line-level stereo in-
put. Replicate this circuit for the Line, Video and
Aux inputs. This design attenuates the input by
6 dB, bringing the signal from the PC 99 specified
2 VRMS, to the CS4299 maximum allowed 1 VRMS.
6.1.2
CD Input
The CD line-level input has an extra pin,
CD_GND, providing a pseudo-differential input
for both CD_L and CD_R. This pin takes the
common-mode noise out of the CD inputs when
connected to the CD analog source ground. Follow-
ing the reference designs in Figure 11 and
Figure 12 provides extra attenuation of common
mode noise coming from the CD-ROM drive,
thereby producing a higher quality signal. One per-
cent resistors are recommended since closely
matched resistor values provide better com-
mon-mode attenuation of unwanted signals. The
circuit shown in Figure 11 can be used to attenuate
a 2 VRMS CD input signal by 6 dB. The circuit
shown in Figure 12 can be used for a 1 VRMS CD in-
put signal.
6.8 k
Ω
6.8 k
Ω
1.0
µF
1.0
µF
R
L
6.8 k
Ω
6.8 k
Ω
Figure 10. Line Input (Replicate for Video and Aux)
(All resistors 1%)
6.8 k
Ω
CD_L
CD_COM
CD_R
1.0
µF
CD_L
CD_R
CD_GND
6.8 k
Ω
1.0
µF
3.4 k
Ω
6.8 k
Ω
2.2
µF
3.4 k
Ω
6.8 k
Ω
AGND
Figure 11. Differential 2 V
RMS CD Input
100
Ω
CD_L
CD_COM
CD_R
1.0
µF
CD_L
CD_R
CD_GND
100
Ω
1.0
µF
100
Ω
47 k
Ω
2.2
µF
47 k
Ω
47 k
Ω
AGND
Figure 12. Differential 1 V
RMS CD Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com