Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 24Page - Cirrus Logic CS4299 Datasheet HTML 25Page - Cirrus Logic CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic CS4299 Datasheet HTML 28Page - Cirrus Logic CS4299 Datasheet HTML 29Page - Cirrus Logic CS4299 Datasheet HTML 30Page - Cirrus Logic CS4299 Datasheet HTML 31Page - Cirrus Logic CS4299 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
CS4299
28
4.14
Extended Audio ID Register (Index 28h)
ID[1:0]
Codec Configuration ID. When ID[1:0] = 00, the CS4297A is the primary audio codec. When
ID[1:0] = 01, 10, or 11, the CS4297A is a secondary audio codec. The state of the ID[1:0] bits
is determined at power-up from the ID[1:0]# pins.
AMAP
Audio Slot Mapping. The AMAP bit indicates whether the optional AC ’97 2.1 compliant AC-link
slot to audio DAC mapping is supported. This bit is a shadow of the AMAP bit in the AC Mode
Control Register (Index 5Eh). The PCM playback and capture slots are mapped according to
Table 8 on page 30.
VRA
Variable Rate PCM Audio. The VRA bit indicates whether variable rate PCM audio is supported.
This bit always returns ‘1’, indicating that variable rate PCM audio is available.
Default
x201h. Where x is determined by the state of ID[1:0]# input pins. The Extended Audio ID Reg-
ister (Index 28h) is a read only register.
4.15
Extended Audio Status/Control Register (Index 2Ah)
VRA
Enable Variable Rate Audio. When ‘set’, the VRA bit allows access to the PCM Front DAC Rate
Register (Index 2Ch) and the PCM L/R ADC Rate Register (Index 32h). The bit must be ‘set’ in
order to use variable PCM playback or capture rates. The VRA bit also serves as a powerdown
for the DAC and ADC SRC blocks. Clearing VRA will reset the PCM Front DAC Rate Register
(Index 2Ch) and the PCM L/R ADC Rate Register (Index 32h) to their default values. The SRC
data path is flushed and the Slot Request bits for the currently active DAC slots will be fixed at
‘0’.
Default
0000h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ID1
ID0
0
0
0
0
AMAP
00
00
00
00
VRA
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
00
00
00
00
00
0
VRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com