Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 34Page - Cirrus Logic CS4299 Datasheet HTML 35Page - Cirrus Logic CS4299 Datasheet HTML 36Page - Cirrus Logic CS4299 Datasheet HTML 37Page - Cirrus Logic CS4299 Datasheet HTML 38Page - Cirrus Logic CS4299 Datasheet HTML 39Page - Cirrus Logic CS4299 Datasheet HTML 40Page - Cirrus Logic CS4299 Datasheet HTML 41Page - Cirrus Logic CS4299 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
CS4299
38
6.1.5
Phone Input
One application of the PHONE input is to interface
to the output of a modem analog front end (AFE)
device so that modem dialing signals and protocol
negotiations may be monitored through the audio
system. Figure 16 shows a design for a modem
connection where the output is fed from the
CS4299 MONO_OUT pin through a divider. The
divider ratio shown does not attenuate the signal,
providing an output voltage of 1 VRMS. If a lower
output voltage is desired, the resistors can be re-
placed with appropriate values, as long as the total
load on the output is kept greater than 10 k
Ω. The
PHONE input is divided by 6 dB to accommodate
a line-level source of 2 VRMS.
6.2
Analog Outputs
The analog line-level output section provides two
stereo
outputs
and
a
mono
output.
The
LINE_OUT_L/R,
ALT_LINE_OUT_L/R,
and
MONO_OUT pins require 680 pF to 1000 pF NPO
capacitors between the corresponding pin and ana-
log ground. Each analog output is DC-biased up to
the Vrefout signal reference, nominally 2.3 V. This
requires the outputs be AC-coupled to external cir-
cuitry (AC load must be greater than 10 k
Ω) or DC
coupled to a buffer op-amp biased at Vrefout.
6.2.1
Stereo Outputs
See Figure 18 for a line-level stereo output refer-
ence design. See Figure 17 for a recommended
headphone stereo output reference design.
6.2.2
Mono Output
The mono output, MONO_OUT, can be either a
sum of the left and right output channels, attenuat-
ed by 6 dB to prevent clipping at full scale, or the
selected Mic signal. The mono out channel can
drive the PC internal mono speaker using an appro-
priate buffer circuit
PHONE
MONO_OUT
PHONE
MONO_OUT
6.8 k
Ω
1.0
µF
0 Ω
6.8 k
Ω
1.0
µF
47 k
Ω
AGND
AGND
1000 pF
Figure 16. Modem Connection
ALT_LINE_OUT_R
ALT_LINE_OUT_L
27 k
Ω
1000 pF
NPO
AGND
3
2
1
220
µF
ELEC
220
µF
ELEC
+
+
1000 pF
NPO
27 k
Ω
47 k
Ω
AGND
22 pF
NPO
39 k
Ω
5
6
7
22 pF
NPO
39 k
Ω
+
-
+
-
TDA1308
Vrefout
10 Ω
1/4 Watt
10 Ω
1/4 Watt
47 k
Ω
Headphone
Out
Figure 17. Alternate Line Output as Headphone Output
AGND
ALT_LINE_OUT_R
27 k
Ω
1000 pF
NPO
1000 pF
NPO
1
2
3
4
AGND
0.1 µF
Y5V
220 µF
+
5
-
39 k
Ω
1
2
3
4
+
3
-
22 pF
NPO
22 pF
NPO
6
2
7
1
TDA1308
TDA1308
ALT_LINE_OUT_L
VREFOUT
+
ELEC
1/4 WATT
10
Ω
HP_OUT_R
220 µF
+
ELEC
1/4 WATT
10
Ω
HP_OUT_L
47 k
Ω
1
3
4
AGND
2
1 µF
Figure 18. Stereo Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com