Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 31Page - Cirrus Logic CS4299 Datasheet HTML 32Page - Cirrus Logic CS4299 Datasheet HTML 33Page - Cirrus Logic CS4299 Datasheet HTML 34Page - Cirrus Logic CS4299 Datasheet HTML 35Page - Cirrus Logic CS4299 Datasheet HTML 36Page - Cirrus Logic CS4299 Datasheet HTML 37Page - Cirrus Logic CS4299 Datasheet HTML 38Page - Cirrus Logic CS4299 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
CS4299
35
PR Bit
ADCs
DACs
Mixer
Alternate
Line Out
Analog
Reference
AC
Link
Internal
Clock Off
PR0
•
PR1
•
PR2
••
•
PR3
•••
•
•
PR4
•
PR5
•••
•
•
•
•
PR6
•
Table 12. Powerdown PR Function Matrix
Power State
IDVdd (mA)
[DVdd=3.3 V]
IDVdd (mA)
[DVdd=5 V]
IAVdd (mA)
Full Power + SRC’s
29.1
50.2
37.9
Full Power + S/PDIF1
30.1
49.4
37.9
Full Power
24.5
43.4
37.9
ADCs off (PR0)
21.0
38.1
29.0
DACs off (PR1)
22.1
39.6
31.3
Audio off (PR2)
22.1
39.9
10.7
Vref off (PR3)
18.9
34.8
45
µA
AC-Link off (PR4)
19.3
35.5
37.9
Internal Clocks off (PR5)
11
µA27 µA45 µA
Alt line out off (PR6)
24.5
43.4
36.2
RESET
11
µA27 µA450 µA
Table 13. Power Consumption by Powerdown Mode
1 Assuming standard resistive load for transformer coupled coaxial S/PDIF output
(Rload = 292 Ohm, DVdd = 3.3 V) (Rload = 415 Ohm, DVdd = 5 V).
General: IDVdd S/PDIF = IDVdd + DVdd/Rload/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com