Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 25Page - Cirrus Logic CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic CS4299 Datasheet HTML 28Page - Cirrus Logic CS4299 Datasheet HTML 29Page - Cirrus Logic CS4299 Datasheet HTML 30Page - Cirrus Logic CS4299 Datasheet HTML 31Page - Cirrus Logic CS4299 Datasheet HTML 32Page - Cirrus Logic CS4299 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
CS4299
29
4.16
PCM Front DAC Rate Register (Index 2Ch)
SR[15:0]
Front DAC Sample Rate. The SR[15:0] bits can only be written when the VRA bit of the Extend-
ed Audio Status/Control Register (Index 2Ah) is ‘set’. If the VRA bit is ‘clear’, all writes are ig-
nored and the register reads back BB80h; corresponding to a 48 kHz sample rate. If the VRA
bit is ‘set’, seven standard sample rates are available. If a sample rate written to the register is
not directly supported, the attempted value to be written will be decoded according to the ranges
indicated in Table 7. All register read transactions will reflect the actual value stored (column 2
in Table 7) and not the one attempted to be written.
Default
BB80h. This value corresponds to 48 kHz sample rate..
4.17
PCM L/R ADC Rate Register (Index 32h)
SR[15:0]
Left/Right ADC Sample Rate. The SR[15:0] bits can only be written when the VRA bit of the
Extended Audio Status/Control Register (Index 2Ah) is ‘set’. If the VRA bit is ‘clear’, all writes
are ignored and the register reads back BB80h; corresponding to a 48 kHz sample rate. If the
VRA bit is ‘set’, seven standard sample rates are available. If a sample rate written to the reg-
ister is not directly supported, the attempted value to be written will be decoded according to
the ranges indicated in Table 7. All register read transactions will reflect the actual value stored
(column 2 in Table 7) and not the one attempted to be written.
Default
BB80h. This value corresponds to 48 kHz sample rate.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
Sample rate
(Hz)
SR[15:0]
SR[15:12]
Decode Range
8,000
1F40
0 or 1
11,025
2B11
2
16,000
3E80
3
22,050
5622
4 or 5
32,000
7D00
6 or 7
44,100
AC44
8, 9, or Ah
48,000
BB80
Bh, Ch, Dh, Eh, or Fh
Table 7. Standard Sample Rates
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com