Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4299 Datasheet HTML 1Page - Cirrus Logic CS4299 Datasheet HTML 2Page - Cirrus Logic CS4299 Datasheet HTML 3Page - Cirrus Logic CS4299 Datasheet HTML 4Page - Cirrus Logic CS4299 Datasheet HTML 5Page - Cirrus Logic CS4299 Datasheet HTML 6Page - Cirrus Logic CS4299 Datasheet HTML 7Page - Cirrus Logic CS4299 Datasheet HTML 8Page - Cirrus Logic CS4299 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
CS4299
5
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS Standard test conditions unless otherwise noted: T
ambient = 25° C,
AVdd = 5.0 V ±5%, DVdd = 3.3 V ±5%; 1 kHz Input Sine wave; Sample Frequency, Fs = 48 kHz; ZAL=100 kΩ/
1000 pF load, CDL = 18 pF load (Note 1); Measurement bandwidth is 20 Hz - 20 kHz, 18-bit linear coding for ADC
functions, 20-bit linear coding for DAC functions; Mixer registers set for unity gain.
Notes: 1. ZAL refers to the analog output pin loading and CDL refers to the digital output pin loading.
2. Parameter definitions are given in the Section 10, Parameter and Term Definitions.
3. Path refers to the signal path used to generate this data. These paths are defined in the Section 10,
Parameter and Term Definitions.
4. This specification is guaranteed by silicon characterization, it is not production tested.
Parameter
(Note 2)
Symbol
Path
(Note 3)
CS4299-KQ
CS4299-JQ
Unit
Min
Typ
Max
Min
Typ
Max
Full Scale Input Voltage
Line Inputs
Mic Inputs
Mic Inputs
(20 dB internal gain)
A-D
A-D
A-D
0.91
0.91
0.091
1.00
1.00
0.10
-
-
-
0.91
0.91
0.091
1.00
1.00
0.10
-
-
-
VRMS
VRMS
VRMS
Full Scale Output Voltage
Line,Alternate Line, and Mono Outputs
D-A
0.91
1.0
1.13
0.91
1.0
1.13
VRMS
Frequency Response
(Note 4)
Analog
Ac = ± 0.25 dB
DAC
Ac = ± 0.25 dB
ADC
Ac = ± 0.25 dB
FR
A-A
D-A
A-D
20
20
20
-
-
-
20,000
20,000
20,000
20
20
20
-
-
-
20,000
20,000
20,000
Hz
Hz
Hz
Dynamic Range
Stereo Analog inputs to LINE_OUT
Mono Analog inputs to LINE_OUT
DAC Dynamic Range
ADC Dynamic Range
DR
A-A
A-A
D-A
A-D
90
85
85
85
95
90
90
90
-
-
-
-
-
-
-
-
90
85
87
85
-
-
-
-
dB FS A
dB FS A
dB FS A
dB FS A
DAC SNR (-20 dB FS input w/
CCIR-RMS filter on output)
SNR
D-A
-
70
--
--
dB
Total Harmonic Distortion + Noise
(-3 dB FS input signal):
Line/Alternate Line Output
DAC
ADC
(all inputs except phone/mic)
ADC
(phone/mic)
THD+N
A-A
D-A
A-D
A-D
-
-
-
-
-90
-91
-88
-84
-80
-80
-80
-74
-
-
-
-
-
-
-
-
-74
-74
-74
-74
dB FS
dB FS
dB FS
dB FS
Power Supply Rejection Ratio
(1 kHz, 0.5 VRMS w/ 5 V DC offset)(Note 4)
40
60
-
-
40
-
dB
Interchannel Isolation
70
88
-
-
88
-
dB
Spurious Tone
(Note 4)
-
-100
-
-
-100
-
dB FS
Input Impedance
(Note 4)
10
-
-
10
-
-
k
Ω
External Load Impedance
10
-
-
10
-
-
k
Ω
Output Impedance
(Note 4)
-
730
-
-
730
-
Ω
Input Capacitance
(Note 4)
-
5
-
-
5
-
pF
Vrefout
2.0
2.28
2.5
2.0
2.28
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com