Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 33Page - Cirrus Logic CS4299 Datasheet HTML 34Page - Cirrus Logic CS4299 Datasheet HTML 35Page - Cirrus Logic CS4299 Datasheet HTML 36Page - Cirrus Logic CS4299 Datasheet HTML 37Page - Cirrus Logic CS4299 Datasheet HTML 38Page - Cirrus Logic CS4299 Datasheet HTML 39Page - Cirrus Logic CS4299 Datasheet HTML 40Page - Cirrus Logic CS4299 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
CS4299
37
6.1.3
Microphone Inputs
Figure 13 illustrates an input circuit suitable for dy-
namic and electret microphones. Electret, or phan-
tom-powered, microphones use the right channel
(ring) of the jack for power. The design also sup-
ports the recommended advanced frequency re-
sponse for voice recognition as specified in PC 99.
Note the microphone input to the CS4299 has an
integrated pre-amplifier. Using the 20dB bit in the
Microphone Volume Register (Index 0Eh) the
pre-amplifier gain can be set to 0 dB or 20 dB.
Figure 14 shows an external pre-amplifier circuit
for an additional 18 dB gain.
6.1.4
PC Beep Input
The PC_BEEP input is useful for mixing the output
of the “beeper” (timer chip), provided in most PCs,
with the other audio signals. When the CS4299 is
held in reset, PC_BEEP is passed directly to the
line output. This allows the system sounds or
“beeps” to be available before the AC ’97 interface
has been activated. Figure 15 illustrates a typical
input circuit for the PC_BEEP input. If PC_BEEP
is driven from a CMOS gate, the 4.7 k
Ω resistor
should be tied to analog ground instead of +5VA.
Although this input is described for a low-quality
“beeper”, it is of the same high-quality as all other
analog inputs and may be used for other purposes.
0.33
µF
220 pF
NPO
3.3
µF
+
6.8 K
Ω
47 k
Ω
MC33078 or
MC33178
Vrefout
MIC1
or
MIC2
1
µF
+
0.33
µF
X7R
2 k
Ω
47 k
Ω
0.1
µF
47
Ω
100 pF
NPO
Figure 13. Microphone Input
AGND
4
8
+5 VA
100
1
2
5
3
4
2.7
CGND
220 pF
220 pF
68
AGND
0.068 µF
X7R
AGND
+
-
AGND
4
1
8
+5 VA
U1A
MC33078D
3
2
10 µF
AGND
+
47
AGND
+5 VA
47
+
-
6.8
10 µF
AGND
+
6
5
220 pF
47 k
Ω
U1B
MC33078D
1µF
X7R
7
MIC1/MIC2
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
47 k
Ω
Figure 14. Microphone Pre-amplifier
4.7 k
Ω
PC_BEEP
+5VA (Low Noise) or
AGND if CMOS Source
PC-BEEP-BUS
47 k
Ω
2.7 nF
X7R
0.1
µF
X7R
AGND
Figure 15. PC_BEEP Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com