Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 2Page - Cirrus Logic CS43L43 Datasheet HTML 3Page - Cirrus Logic CS43L43 Datasheet HTML 4Page - Cirrus Logic CS43L43 Datasheet HTML 5Page - Cirrus Logic CS43L43 Datasheet HTML 6Page - Cirrus Logic CS43L43 Datasheet HTML 7Page - Cirrus Logic CS43L43 Datasheet HTML 8Page - Cirrus Logic CS43L43 Datasheet HTML 9Page - Cirrus Logic CS43L43 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS43L43
6
DS479PP3
3.0 APPLICATIONS
3.1 Sample Rate Range/Operational Mode Select
The device operates in one of two operational modes. Operation in either mode depends on the input sam-
ple rate and the ratio of the master clock to the left/right clock (see section 3.2). Sample rates outside the
specified range for each mode are not supported.
3.2 System Clocking
The device requires external generation of the master (MCLK) and left/right (LRCK) clocks. The device
also requires external generation of the serial clock (SCLK) if the internal serial clock is not used. The
LRCK, defined also as the input sample rate Fs, must be synchronously derived from MCLK according to
specified ratios. The specified ratios of MCLK to LRCK, along with several standard audio sample rates
and the required MCLK frequency, are illustrated in Tables 2-3.
*Requires MCLKDIV bit = 1 in the Mode Control 2 register (address 0Bh).
Input Sample Rate (FS)MODE
2kHz - 50kHz
Single Speed Mode
50kHz - 100kHz
Double Speed Mode
Table 1. CS43L43 Operational Mode
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x*
1024x*
32
8.1920
12.2880
16.3840
24.5760
32.768
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Table 2. Single-Speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x*
384x*
64
8.1920
12.2880
16.3840
24.5760
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640
Table 3. Double-Speed Mode Standard Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com