Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 4 Page - Cirrus Logic

  CS43L43 Datasheet HTML 1Page - Cirrus Logic CS43L43 Datasheet HTML 2Page - Cirrus Logic CS43L43 Datasheet HTML 3Page - Cirrus Logic CS43L43 Datasheet HTML 4Page - Cirrus Logic CS43L43 Datasheet HTML 5Page - Cirrus Logic CS43L43 Datasheet HTML 6Page - Cirrus Logic CS43L43 Datasheet HTML 7Page - Cirrus Logic CS43L43 Datasheet HTML 8Page - Cirrus Logic CS43L43 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS43L43
4
DS479PP3
1.0 PIN DESCRIPTION
Pin Name
#
Pin Description
LRCK
1
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SDATA
2
Serial Audio Data (Input) - Input for two’s complement serial audio data.
SCLK
3
Serial Clock (Input) - Serial clock for the serial audio interface.
DEM
3
De-emphasis Control (Input) - Selects the standard 15
µs/50µs digital de-emphasis filter
response for 44.1 kHz sample rates.
VL
4
Logic Power (Input) - Positive power for the serial audio & control port interface.
MCLK
5
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VQ_HP
7
Headphone Quiescent Voltage (Output) - Filter connection for internal headphone amp quies-
cent reference voltage.
REF_GND
8
Reference Ground (Input) - Ground reference for the internal sampling circuits.
FILT+
9
Positive Voltage Reference (Output) - Positive voltage reference for the internal sampling cir-
cuits.
HP_A
HP_B
10
14
Headphone Outputs (Output) - The full-scale analog headphone output level is specified in the
Analog Characteristics table.
GND
11
Ground (Input) - Ground reference.
VA
12
Power (Input) - Positive power for the analog & digital sections.
VA_HP
13
Headphone Amp Power (Input) - Positive power for the headphone amplifier.
RST
16
Reset (Input) - Powers down device and resets registers to default conditions when enabled.
Stand-Alone
Definitions
DIF0
DIF1
6
15
Digital Interface Format (Input) - Defines the required relationship between the Left Right
Clock, Serial Clock, and Serial Audio Data.
Control Port
Definitions
SCL
6
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA
15
Serial Control Data I/O (Input/Output) - Input/Output for I2C data.
LRCK
RST
SDATA
DIF1/SDA
SCLK/DEM
HP_B
VL
VA_HP
MCLK
VA
DIF0/SCL
GND
VQ_HP
HP_A
REF_GND
FILT+
1
2
3
4
5
6
7
8
5
1
2
6
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
5
1
2
6
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com