Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 5Page - Cirrus Logic CS43L43 Datasheet HTML 6Page - Cirrus Logic CS43L43 Datasheet HTML 7Page - Cirrus Logic CS43L43 Datasheet HTML 8Page - Cirrus Logic CS43L43 Datasheet HTML 9Page - Cirrus Logic CS43L43 Datasheet HTML 10Page - Cirrus Logic CS43L43 Datasheet HTML 11Page - Cirrus Logic CS43L43 Datasheet HTML 12Page - Cirrus Logic CS43L43 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS43L43
DS479PP3
9
3.4.1 Stand-Alone Mode
When using Internal Serial Clock (see section 3.2.1), pin 3 is available for de-emphasis control and
selects the 44.1 kHz de-emphasis filter. Please see Table 6 for the desired de-emphasis control.
Table 6. De-Emphasis Control
3.4.2 Control Port Mode
The Mode Control bits select either the 32, 44.1, or 48 kHz de-emphasis filter. Please see section
5.7.4 for the desired de-emphasis control.
3.5 Recommended Power-up Sequence
3.5.1 Stand-Alone Mode
1. Hold RST low until the power supply and configuration pins are stable, and the master and
left/right clocks are locked to the appropriate frequences, as discussed in section 3.2. In this state, the
control port is reset to its default settings and VQ_HP will remain low.
2. Bring RST high. The device will remain in a low power state with VQ_HP low and will initiate
the Stand-Alone power-up sequence after approximately 1024 LRCK cycles.
3.5.2 Control Port Mode
1. Hold RST low until the power supply is stable, and the master and left/right clocks are locked to
the appropriate frequences, as discussed in section 3.2. In this state, the control port is reset to its de-
fault settings and VQ_HP will remain low.
2. Bring RST high. The device will remain in a low power state with VQ_HP low. The control port
will be accessible at this time.
3. Wait approximately 2 LRCK cycles and then perform an I2C write to the CP_EN bit prior to the
completion of approximately 1024 LRCK cycles. The desired register settings can be loaded while
keeping the PDN bit set to 1.
4. Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µS
when the POR bit is set to 0. If the POR bit is set to 1, see Section 3.6 for for a complete description
of power-up timing.
3.6 Popguard® Transient Control
The CS43L43 uses Popguard® technology to minimize the effects of output transients during power-up
and power-down. This technology, when used with external DC-blocking capacitors in series with the au-
dio outputs, minimizes the audio transients commonly produced by single-ended single-supply converters.
It is activated inside the DAC when the RST pin is enabled/disabled and requires no other external control,
aside from choosing the appropriate DC-blocking capacitors.
DEM
DESCRIPTION
0
Disabled
1
44.1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com