Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 26Page - Cirrus Logic CS43L43 Datasheet HTML 27Page - Cirrus Logic CS43L43 Datasheet HTML 28Page - Cirrus Logic CS43L43 Datasheet HTML 29Page - Cirrus Logic CS43L43 Datasheet HTML 30Page - Cirrus Logic CS43L43 Datasheet HTML 31Page - Cirrus Logic CS43L43 Datasheet HTML 32Page - Cirrus Logic CS43L43 Datasheet HTML 33Page - Cirrus Logic CS43L43 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS43L43
30
DS479PP3
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE (Inputs: Logic “0” =
GND, Logic “1” = VL.)
Notes: 5. This serial clock is required only in Control Port Mode when the MCLK Divide bit is enabled.
Parameters
Symbol
Min
Max
Units
External SCLK Mode
MCLK Frequency
1.024
51.2
MHz
MCLK Duty Cycle
45
55
%
Input Sample Rate
Single-Speed Mode
Double-Speed Mode
Fs
Fs
2
50
50
100
kHz
kHz
LRCK Duty Cycle
40
60
%
SCLK Pulse Width Low
tsclkl
20
-
ns
SCLK Pulse Width High
tsclkh
20
-
ns
SCLK Period
tsclkw
-s
SCLK Frequency
-
Hz
SCLK Frequency
(Note 10)
-
Hz
SCLK rising to LRCK edge delay
tslrd
20
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
ns
2
MCLK
------------------
MCLK
2
------------------
MCLK
4
------------------
sclkh
t
slrs
t
slrd
t
sdlrs
t
sd h
t
sclkl
t
SD AT A
SC LK
LR C K
Figure 19. External Se-
rial Mode Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com