Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 23Page - Cirrus Logic CS43L43 Datasheet HTML 24Page - Cirrus Logic CS43L43 Datasheet HTML 25Page - Cirrus Logic CS43L43 Datasheet HTML 26Page - Cirrus Logic CS43L43 Datasheet HTML 27Page - Cirrus Logic CS43L43 Datasheet HTML 28Page - Cirrus Logic CS43L43 Datasheet HTML 29Page - Cirrus Logic CS43L43 Datasheet HTML 30Page - Cirrus Logic CS43L43 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
CS43L43
DS479PP3
27
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE (The
filter characteristics and the X-axis of the response plots have been normalized to the sample rate (Fs) and can be
referenced to the desired sample rate by multiplying the given characteristic by Fs.)
Notes: 2. Referenced to a 1 kHz, full-scale sine wave.
3. For Single-Speed Mode, the measurement bandwidth is 0.5465 Fs to 3 Fs.
For Double-Speed Mode, the measurement bandwidth is 0.577 Fs to 1.4 Fs.
4. De-emphasis is only available in Single-Speed Mode.
Parameter
Min
Typ
Max
Unit
Single-Speed Mode - (2kHz to 50kHz sample rates)
Passband
to -0.05 dB corner
to -3 dB corner
0
0
-
-
0.4535
0.4998
Fs
Fs
Frequency Response 10 Hz to 20 kHz
(Note 2)
-0.02
-
+0.08
dB
StopBand
0.5465
-
-
Fs
StopBand Attenuation
(Note 3)
50
-
-
dB
Group Delay
-
9/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
±0.36/Fs
-
s
De-emphasis Error (Relative to 1 kHz)
Fs = 32 kHz
(Note 4)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+0.2/-0.1
+0.05/-0.14
+0/-0.22
dB
Double-Speed Mode - (50kHz to 100kHz sample rates)
Passband
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.4426
0.4984
Fs
Fs
Frequency Response 10 Hz to 20 kHz
0
-
+0.11
dB
StopBand
0.577
-
-
Fs
StopBand Attenuation
(Note 3)
55
-
-
dB
Group Delay
-
4/Fs
-
s
Passband Group Delay Deviation
0 - 40 kHz
0 - 20 kHz
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com