Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 14Page - Cirrus Logic CS43L43 Datasheet HTML 15Page - Cirrus Logic CS43L43 Datasheet HTML 16Page - Cirrus Logic CS43L43 Datasheet HTML 17Page - Cirrus Logic CS43L43 Datasheet HTML 18Page - Cirrus Logic CS43L43 Datasheet HTML 19Page - Cirrus Logic CS43L43 Datasheet HTML 20Page - Cirrus Logic CS43L43 Datasheet HTML 21Page - Cirrus Logic CS43L43 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CS43L43
18
DS479PP3
5.4 CHANNEL A DIGITAL VOLUME CONTROL (ADDRESS 04H) (DVOLA)
5.5 CHANNEL B DIGITAL VOLUME CONTROL (ADDRESS 05H) (DVOLB)
Default = 0 dB (No attenuation)
Function:
The Digital Volume Control allows the user to alter the signal level in 1 dB increments from +18 to -96 dB,
using the Digital Volume Control. Volume settings are decoded as shown in Table 8, using a 2’s comple-
ment code. The volume changes are implemented as dictated by the Soft and Zero Cross bits in the Pow-
er and Muting Control register. All volume settings less than - 96 dB are equivalent to muting the channel
via the ATAPI bits (See Section 5.10.4).
NOTE: Setting this register to values greater than +18 dB will cause distortion in the audio outputs.
5.6 TONE CONTROL (ADDRESS 06H)
5.6.1 BASS BOOST LEVEL (BB) BIT 4-7
Default = 0 dB (No Bass Boost)
Function:
The level of the shelving bass boost filter is set by Bass Boost Level. The level can be adjusted in 1 dB
increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 9. Levels above
+12 dB are interpreted as +12 dB.
7
654
32
10
DVOLx7
DVOLx6
DVOLx5
DVOLx4
DVOLx3
DVOLx2
DVOLx1
DVOLx0
0
000
00
00
Binary Code
Decimal Value
Volume Setting
00001010
12
+12 dB
00000111
7
+7 dB
00000000
0
0 dB
11000100
-60
-60 dB
10100110
-90
-90 dB
Table 8. Example Digital Volume Settings
7
654
32
10
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
0
000
00
00
Binary Code
Decimal Value
Boost Setting
0000
0
0 dB
0010
2
+2 dB
0110
6
+6 dB
1001
9
+9 dB
1100
12
+12 dB
Table 9. Example Bass Boost Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com