Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 9Page - Cirrus Logic CS43L43 Datasheet HTML 10Page - Cirrus Logic CS43L43 Datasheet HTML 11Page - Cirrus Logic CS43L43 Datasheet HTML 12Page - Cirrus Logic CS43L43 Datasheet HTML 13Page - Cirrus Logic CS43L43 Datasheet HTML 14Page - Cirrus Logic CS43L43 Datasheet HTML 15Page - Cirrus Logic CS43L43 Datasheet HTML 16Page - Cirrus Logic CS43L43 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CS43L43
DS479PP3
13
3.8.3 I2C Write
To write to the device, follow the procedure below while adhering to the control port Switching Spec-
ifications in section 6.
1) Initiate a START condition to the I2C bus followed by the address byte, 00100000. The eighth bit
of the address byte is the R/W bit.
2) Wait for an acknowledge (ACK) from the part, then write to the memory address pointer, MAP.
This byte points to the register to be written.
3) Wait for an acknowledge (ACK) from the part, then write the desired data to the register pointed
to by the MAP.
4) If the INCR bit (see section 3.8.2) is set to 1, repeat the previous step until all the desired registers
are written, then initiate a STOP condition to the bus.
5) If the INCR bit is set to 0 and further I2C writes to other registers are desired, it is necessary to
initiate a repeated START condition and follow the procedure detailed from step 1. If no further
writes to other registers are desired, initiate a STOP condition to the bus.
3.8.4 I2C Read
To read from the device, follow the procedure below while adhering to the control port Switching
Specifications.
1) Initiate a START condition to the I2C bus followed by the address byte, 00100001. The eighth bit
of the address byte is the R/W bit.
2) After transmitting an acknowledge (ACK), the device will then transmit the contents of the regis-
ter pointed to by the MAP. The MAP will contain the address of the last register written to the MAP,
or the default address (see section 3.9) if an I2C read is the first operation performed on the device.
3) Once the device has transmitted the contents of the register pointed to by the MAP, issue an ACK.
4) If the INCR bit is set to 1, the device will continue to transmit the contents of successive registers.
Continue providing a clock and issue an ACK after each byte until all the desired registers are read,
then initiate a STOP condition to the bus.
5) If the INCR bit is set to 0 and further I2C reads from other registers are desired, it is necessary to
initiate a repeated START condition and follow the procedure detailed from step 1. If no further reads
from other registers are desired, initiate a STOP condition to the bus.
SD A
SC L
00 100 0
R/W
Sta r t
AC K
DA T A
1- 8
ACK
DAT A
1- 8
AC K
Sto p
NO T E
0
N O T E : If op er atio n is a w r ite , th is by te c onta ins the M e m o r y A ddr e s s P o in te r , M A P . If
ope r a tion is a r e a d , th is by te c o n tains th e data of th e r egis ter po in ted to by th e M A P .
Figure 8. Control Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com