Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 18Page - Cirrus Logic CS43L43 Datasheet HTML 19Page - Cirrus Logic CS43L43 Datasheet HTML 20Page - Cirrus Logic CS43L43 Datasheet HTML 21Page - Cirrus Logic CS43L43 Datasheet HTML 22Page - Cirrus Logic CS43L43 Datasheet HTML 23Page - Cirrus Logic CS43L43 Datasheet HTML 24Page - Cirrus Logic CS43L43 Datasheet HTML 25Page - Cirrus Logic CS43L43 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CS43L43
22
DS479PP3
5.10 VOLUME AND MIXING CONTROL (ADDRESS 0AH)
5.10.1 TONE CONTROL MODE (TC) BIT 6-7
Default = 00
00 - All settings are taken from user registers
01 - 12 dB of Bass Boost at 100 Hz and 6 dB of Treble Boost at 7 kHz
10 - 8 dB of Bass Boost at 100 Hz and 4 dB of Treble Boost at 7 kHz
11 - 4 dB of Bass Boost at 100 Hz and 2 dB of Treble Boost at 7 kHz
Function:
The Tone Control Mode bits determine how the Bass Boost and Treble Boost features are configured.
The user-defined settings from the Bass and Treble Boost Level and Corner Frequency registers are used
when these bits are set to ‘00’. Alternatively, one of three pre-defined settings may be used.
5.10.2 TONE CONTROL ENABLE (TC_EN) BIT 5
Default = 0
0 - Disabled
1 - Enabled
Function:
The Bass Boost and Treble Boost features are active when this function is enabled.
5.10.3 PEAK SIGNAL LIMITER ENABLE (LIM_EN) BIT 4
Default = 0
0 - Disabled
1 - Enabled
Function:
The CS43L43 will limit the maximum signal amplitude to prevent clipping when this function is enabled.
Peak Signal Limiting is performed by first decreasing the Bass and Treble Boost Levels. If the signal is
still clipping, then the digital attenuation is increased. The attack rate is determined by the Limiter Attack
Rate register.
Once the signal has dropped below the clipping level, the attenuation is decreased back to the user se-
lected level and then, the Bass Boost is increased back to the user selected level. The release rate is
determined by the Limiter Release Rate register.
NOTE: The A=B bit should be set to ‘1’ for optimal limiter performance.
7
654
32
10
TC1
TC0
TC_EN
LIM_EN
ATAPI3
ATAPI2
ATAPI1
ATAPI0
0
000
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com