Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L43 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 21Page - Cirrus Logic CS43L43 Datasheet HTML 22Page - Cirrus Logic CS43L43 Datasheet HTML 23Page - Cirrus Logic CS43L43 Datasheet HTML 24Page - Cirrus Logic CS43L43 Datasheet HTML 25Page - Cirrus Logic CS43L43 Datasheet HTML 26Page - Cirrus Logic CS43L43 Datasheet HTML 27Page - Cirrus Logic CS43L43 Datasheet HTML 28Page - Cirrus Logic CS43L43 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CS43L43
DS479PP3
25
6.0 CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (CS43L43-KZ, KZZ) (Test conditions (unless otherwise
specified): Input test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; test load
RL = 16Ω, CL = 10 pF (see Figure 10). Typical performance characteristics are derived from measurements taken
at TA = 25°C, VL = VA_HP = VA = 3.0V and 1.8V. Min/Max performance characteristics are guaranteed over the
specified operating temperature and voltages.)
Parameter
VA = 3.0V
VA = 1.8V
Min
Typ
Max Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
88
90
-
-
91
93
89
91
-
-
-
-
85
88
-
-
88
91
86
89
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-76
-71
-31
-74
-69
-29
-71
-
-
-
-
-
-
-
-
-
-
-
-82
-68
-28
-80
-66
-26
-77
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
88
90
-
-
92
94
90
92
-
-
-
-
85
88
-
-
89
92
87
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-73
-72
-32
-71
-70
-30
-68
-
-
-
-
-
-
-
-
-
-
-
-85
-69
-29
-83
-67
-27
-80
-
-
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com